Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M28C256 Datasheet(PDF) 16 Page - STMicroelectronics

Part # M28C256
Description  256 Kbit (32Kb x8) Parallel EEPROM with Software Data Protection
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M28C256 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button M28C256 Datasheet HTML 12Page - STMicroelectronics M28C256 Datasheet HTML 13Page - STMicroelectronics M28C256 Datasheet HTML 14Page - STMicroelectronics M28C256 Datasheet HTML 15Page - STMicroelectronics M28C256 Datasheet HTML 16Page - STMicroelectronics M28C256 Datasheet HTML 17Page - STMicroelectronics M28C256 Datasheet HTML 18Page - STMicroelectronics M28C256 Datasheet HTML 19Page - STMicroelectronics M28C256 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
ORDERING INFORMATION SCHEME
Speed
90
(1)
90ns
12
120ns
15
150ns
20
200ns
25
(2)
250ns
Operating Voltage
blank
4.5V to 5.5V
W
2.7V to 3.6V
Package
BS PDIP28
KA PLCC32
MS SO28 300 mils
NS TSOP28
8 x 13.4mm
Temperature Range
1
(3)
0to 70
°C
6
–40 to 85
°C
Option
T
Tape & Reel
Packing
Example:
M28256 – 15
W
KA
6
T
Notes: 1. Not available for ”W” operating voltage.
2. Available for ”W” operating voltage only.
3. Temperature Range on request only.
Devices are shipped from the factory with the memory content set at all ”1’s” (FFh).
For a list of available options (Speed, Package, etc...) or for further informationon any aspect of this device,
please contact the STMicroelectronics Sales Office nearest to you.
16/21
M28256



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com