Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV9062IPWR Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TLV9062IPWR
Description  10-MHz, RRIO, CMOS Operational Amplifiers for Cost-Sensitive Systems
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV9062IPWR Datasheet(HTML) 21 Page - Texas Instruments

Back Button TLV9062IPWR Datasheet HTML 17Page - Texas Instruments TLV9062IPWR Datasheet HTML 18Page - Texas Instruments TLV9062IPWR Datasheet HTML 19Page - Texas Instruments TLV9062IPWR Datasheet HTML 20Page - Texas Instruments TLV9062IPWR Datasheet HTML 21Page - Texas Instruments TLV9062IPWR Datasheet HTML 22Page - Texas Instruments TLV9062IPWR Datasheet HTML 23Page - Texas Instruments TLV9062IPWR Datasheet HTML 24Page - Texas Instruments TLV9062IPWR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 45 page
background image
5 kW
10-mA maximum
V+
V
IN
V
OUT
I
OVERLOAD
Device
21
TLV9061, TLV9062, TLV9064
www.ti.com
SBOS839C – MARCH 2017 – REVISED MARCH 2018
Product Folder Links: TLV9061 TLV9062 TLV9064
Submit Documentation Feedback
Copyright © 2017–2018, Texas Instruments Incorporated
11 Power Supply Recommendations
The TLV906x series is specified for operation from 1.8 V to 5.5 V (±0.9 V to ±2.75 V); many specifications apply
from –40°C to +125°C. The Typical Characteristics section presents parameters that can exhibit significant
variance with regard to operating voltage or temperature.
CAUTION
Supply voltages larger than 6 V can permanently damage the device; see the Absolute
Maximum Ratings table.
Place 0.1-µF bypass capacitors close to the power-supply pins to reduce errors coupling in from noisy or high-
impedance power supplies. For more detailed information on bypass capacitor placement, see the section.
11.1 Input and ESD Protection
The TLV906x series incorporates internal ESD protection circuits on all pins. For input and output pins, this
protection primarily consists of current-steering diodes connected between the input and power-supply pins.
These ESD protection diodes provide in-circuit, input overdrive protection, as long as the current is limited to 10
mA, as shown in the Absolute Maximum Ratings table. Figure 39 shows how a series input resistor can be
added to the driven input to limit the input current. The added resistor contributes thermal noise at the amplifier
input and the value must be kept to a minimum in noise-sensitive applications.
Figure 39. Input Current Protection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com