Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM337T Datasheet(PDF) 4 Page - ON Semiconductor

Part # LM337T
Description  3-Terminal 1.5 A Negative Adjustable Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM337T Datasheet(HTML) 4 Page - ON Semiconductor

  LM337T Datasheet HTML 1Page - ON Semiconductor LM337T Datasheet HTML 2Page - ON Semiconductor LM337T Datasheet HTML 3Page - ON Semiconductor LM337T Datasheet HTML 4Page - ON Semiconductor LM337T Datasheet HTML 5Page - ON Semiconductor LM337T Datasheet HTML 6Page - ON Semiconductor LM337T Datasheet HTML 7Page - ON Semiconductor LM337T Datasheet HTML 8Page - ON Semiconductor LM337T Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
© 2011 Fairchild Semiconductor Corporation
www.fairchildsemi.com
KA337 / LM337 Rev. 1.1.1
3
Typical Performance Characteristics
Figure 2. Line Regulation vs. Temperature
Figure 3. Load Regulations vs. Temperature
Figure 4. Adjustable Pin Current vs. Temperature
Figure 5. Adjustable Pin Current Change
vs. Temperature
Figure 6. Reference Voltage vs. Temperature
Figure 7. Minimum Load Current vs. Temperature
0.00
0.01
0.02
0.03
0.04
0.05
0.06
0.07
-40
-20
0
20
40
60
80
100
120
V
IN
= -8 V to -45 V
I
O
= 4 mA
V
OUT
= -5 V
Datasheet specs at 25
oC [%]
Min: -
Typ: 0.01
Max: 0.04
T
A
- Temperature[
oC]
0
10
20
30
40
50
-40
-20
0
20
40
60
80
100
120
I
O
= 10 mA to 0.5 A
I
O
= 10 mA to 1.5 A
V
IN
= -6.25 V
V
OUT
= -1.25 V
I
O
= 10 mA to 1.5 V
Datasheet specs at 25
oC [%]
Min: -
Typ: 15 mV
Max: 50 mV
T
A
- Temperature[
oC]
0
20
40
60
80
100
-40
-20
0
20
40
60
80
100
120
V
I
- V
O
= 5 V
I
O
= 40 mA
Datasheet specs at 25
oC [%]
Min: -
Typ: 50
μA
Max: 100
μA
T
A
- Temperature[
oC]
0
2
4
6
8
10
-40
-20
0
20
40
60
80
100
120
Datsheet specs at 25
oC
Min:
Typ: 2
μA
Max: 5
μA
V
I
- V
O
= 3 V to 40 V
I
O
= 10 mA to 1.5 V
V
I
- V
O
= 3 V to 40 V, I
O
= 10 mA
V
I
- V
O
= 3 V to 40 V, I
O
= 1.5 A
V
I
- V
O
= 3 V, I
O
= 10 mA to 1.5 A
V
I
- V
O
= 40 V, I
O
= 10 mA to 1.5 A
T
A
- Temperature[
oC]
1.20
1.22
1.24
1.26
1.28
1.30
-40
-20
0
20
40
60
80
100
120
Datsheet specs at 25
oC
Min: 1.213 V
Typ: 1.25 V
Max: 1.287 V
V
I
- V
O
= 3 V to 40 V
I
O
= 10 mA to 1.5 V
V
I
- V
O
= 3 V, I
O
= 10 mA
V
I
- V
O
= 3 V, I
O
= 1.5 A
V
I
- V
O
= 5 V, I
O
= 40 mA
V
I
- V
O
= 40 V, I
O
= 10 mA
V
I
- V
O
= 40 V, I
O
= 1.5 A
T
A
- Temperature[
oC]
0
2
4
6
8
10
-40
-20
0
20
40
60
80
100
120
Datsheet specs
Min:
Typ: 2.5
m
A
Max: 10
m
A
V
I
- V
O
= 3 V to 40 V
V = 3 V
V
I
- V
O
= 10 V
V
I
- V
O
= 40 V
T
A
- Temperature[
oC]



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com