Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP145 Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCP145
Description  Very Low Dropout Bias Rail CMOS Voltage Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP145 Datasheet(HTML) 4 Page - ON Semiconductor

  NCP145 Datasheet HTML 1Page - ON Semiconductor NCP145 Datasheet HTML 2Page - ON Semiconductor NCP145 Datasheet HTML 3Page - ON Semiconductor NCP145 Datasheet HTML 4Page - ON Semiconductor NCP145 Datasheet HTML 5Page - ON Semiconductor NCP145 Datasheet HTML 6Page - ON Semiconductor NCP145 Datasheet HTML 7Page - ON Semiconductor NCP145 Datasheet HTML 8Page - ON Semiconductor NCP145 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
NCP145
www.onsemi.com
4
ELECTRICAL CHARACTERISTICS −40°C ≤ TJ ≤ 85°C; VBIAS = 2.7 V or (VOUT + 1.6 V), whichever is greater, VIN = VOUT(NOM) +
0.3 V, IOUT = 1 mA, VEN = 1 V, unless otherwise noted. CIN = 1 mF, COUT = 2.2 mF. Typical values are at TJ = +25°C. Min/Max values are
for −40°C ≤ TJ ≤ 85°C unless otherwise noted. (Note 4)
Parameter
Test Conditions
Symbol
Min
Typ
Max
Unit
Operating Input Voltage
Range
VIN
VOUT +
VDO
5.5
V
Operating Bias Voltage
Range
VBIAS
(VOUT +
1.40) ≥ 2.4
5.5
V
Undervoltage Lock−out
VBIAS Rising
Hysteresis
UVLO
1.6
0.2
V
Output Voltage Accuracy
VOUT
±0.5
%
Output Voltage Accuracy
−40°C ≤ TJ ≤ 85°C, VOUT(NOM) + 0.3 V ≤ VIN ≤
VOUT(NOM) + 1.0 V, 2.7 V or (VOUT(NOM) +
1.6 V), whichever is greater < VBIAS < 5.5 V,
1 mA < IOUT < 500 mA
VOUT
−1.5
+1.5
%
VIN Line Regulation
VOUT(NOM) + 0.3 V ≤ VIN ≤ 5.0 V
LineReg
0.01
%/V
VBIAS Line Regulation
2.7 V or (VOUT(NOM) + 1.6 V), whichever is
greater < VBIAS < 5.5 V
LineReg
0.01
%/V
Load Regulation
IOUT = 1 mA to 500 mA
LoadReg
1.5
mV
VIN Dropout Voltage
IOUT = 150 mA (Note 5)
VDO
37
75
mV
IOUT = 500 mA (Note 5)
VDO
140
250
VBIAS Dropout Voltage
IOUT = 500 mA, VIN = VBIAS (Note 5)
VDO
1.1
1.5
V
Output Current Limit
VOUT = 90% VOUT(NOM)
ICL
550
800
1000
mA
Bias Pin Operating Current VBIAS = 2.7 V
IBIAS
80
110
mA
Bias Pin Disable Current
VEN ≤ 0.4 V
IBIAS(DIS)
0.5
1
mA
Vinput Pin Disable Current
VEN ≤ 0.4 V
IVIN(DIS)
0.5
1
mA
EN Pin Threshold Voltage
EN Input Voltage “H”
VEN(H)
0.9
V
EN Input Voltage “L”
VEN(L)
0.4
EN Pull Down Current
VEN = 5.5 V
IEN
0.3
1
mA
Turn−On Time
From assertion of VEN to VOUT =
98% VOUT(NOM). VOUT(NOM) = 1.2 V
tON
215
ms
Turn−On Slew Rate
VEN 0 V to 1.0 V, VOUT(NOM) = 1.2 V,
VOUT from 10 mV to 610 mV
SR
15
mV/ms
Power Supply Rejection
Ratio
VIN to VOUT, f = 1 kHz, IOUT = 150 mA,
VIN ≥ VOUT +0.5 V
PSRR(VIN)
70
dB
VBIAS to VOUT, f = 1 kHz, IOUT = 150 mA,
VIN ≥ VOUT +0.5 V
PSRR(VBIAS)
80
dB
Output Noise Voltage
VIN = VOUT +0.5 V, VOUT(NOM) = 1.0 V,
f = 10 Hz to 100 kHz
VN
40
mVRMS
Thermal Shutdown
Threshold
Temperature increasing
160
°C
Temperature decreasing
140
Output Discharge
Pull−Down
VEN ≤ 0.4 V, VOUT = 0.5 V, NCP145A options
only
RDISCH
150
W
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
4. Performance guaranteed over the indicated operating temperature range by design and/or characterization. Production tested at TA = 25°C.
Low duty cycle pulse techniques are used during the testing to maintain the junction temperature as close to ambient as possible.
5. Dropout voltage is characterized when VOUT falls 3% below VOUT(NOM).



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com