Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS2305M-1HT Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS2305M-1HT
Description  3.3 VOLT ZERO DELAY, LOW SKEW BUFFER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS2305M-1HT Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS2305M-1HT Datasheet HTML 1Page - Integrated Circuit Systems ICS2305M-1HT Datasheet HTML 2Page - Integrated Circuit Systems ICS2305M-1HT Datasheet HTML 3Page - Integrated Circuit Systems ICS2305M-1HT Datasheet HTML 4Page - Integrated Circuit Systems ICS2305M-1HT Datasheet HTML 5Page - Integrated Circuit Systems ICS2305M-1HT Datasheet HTML 6Page - Integrated Circuit Systems ICS2305M-1HT Datasheet HTML 7Page - Integrated Circuit Systems ICS2305M-1HT Datasheet HTML 8Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
ICS2305
MDS 2305 D
1
Revision 022505
Integrat ed Circuit Syst ems
● 52 5 Ra ce Street, San Jose, CA 9 512 6 ● tel (408 ) 297 -120 1 ● www.icst.com
3.3 VOLT ZERO DELAY, LOW SKEW BUFFER
Description
The ICS2305 is a low phase noise, high-speed PLL
based, low-skew zero delay buffer. Based on ICS’
proprietary low jitter Phase Locked Loop (PLL)
techniques, the device provides four low skew outputs
at speeds up to 133 MHz at 3.3 V. The outputs can be
generated from the PLL (for zero delay), or directly
from the input (for testing), and can be set to tri-state
mode or to stop at a low level. The PLL feedback is
on-chip and is obtained from the CLKOUT pad.
The ICS2305 is available in two different versions. The
ICS2305-1 is the base part. The ICS2305-1H is a high
drive version with faster rise and fall times.
Features
• Clock outputs from 10 to 133 MHz
• Zero input-output delay
• Four low skew (<250 ps) outputs
• Device-to-device skew <700 ps
• Full CMOS outputs with 25 mA output drive
capability at TTL levels
• 5 V tolerant CLKIN
• Tri-state mode for board-level testing
• Advanced, low power, sub-micron CMOS process
• Operating voltage of 3.3 V
• Industrial temperature range available
• Packaged in 8-pin SOIC
• Available in Pb (lead ) free package
Block Diagram
CLK4
CLK3
CLK2
CLK1
CLKIN
PLL
VDD
GND
CLKOUT


Similar Part No. - ICS2305M-1HT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS2305 IDT-ICS2305 Datasheet
206Kb / 9P
3.3 VOLT ZERO DELAY LOW SKEW BUFFER
ICS2305 IDT-ICS2305 Datasheet
198Kb / 9P
3.3 VOLT ZERO DELAY LOW SKEW BUFFER
ICS2305 IDT-ICS2305_10 Datasheet
198Kb / 9P
3.3 VOLT ZERO DELAY LOW SKEW BUFFER
More results

Similar Description - ICS2305M-1HT

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9112-18 ICST-ICS9112-18 Datasheet
62Kb / 4P
Zero Delay, Low Skew Buffer
Revision 050400
MK2308-1 ICST-MK2308-1 Datasheet
143Kb / 6P
3.3 VOLT ZERO DELAY, LOW SKEW BUFFER
Revision 100603
ICS2309 ICST-ICS2309 Datasheet
195Kb / 9P
3.3 VOLT ZERO DELAY, LOW SKEW BUFFER
Revision 052405
ICS671-03 ICST-ICS671-03 Datasheet
51Kb / 4P
3.3 Volt Zero Delay, Low Skew Buffer
ICS671-06 ICST-ICS671-06 Datasheet
176Kb / 6P
3.3 VOLT ZERO DELAY, LOW SKEW BUFFER
logo
Integrated Device Techn...
ICS2305 IDT-ICS2305 Datasheet
206Kb / 9P
3.3 VOLT ZERO DELAY LOW SKEW BUFFER
ICS2305 IDT-ICS2305_10 Datasheet
198Kb / 9P
3.3 VOLT ZERO DELAY LOW SKEW BUFFER
logo
Micrel Semiconductor
PL123-05SC MICREL-PL123-05SC Datasheet
392Kb / 9P
Low Skew Zero Delay Buffer
logo
Renesas Technology Corp
MK2308-1H RENESAS-MK2308-1H Datasheet
354Kb / 9P
3.3 VOLT ZERO DELAY, LOW SKEW BUFFER
051310
ICS671-03 RENESAS-ICS671-03 Datasheet
356Kb / 10P
3.3 VOLT ZERO DELAY, LOW SKEW BUFFER
051310
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com