Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL8089 Datasheet(PDF) 2 Page - SHANGHAI BELLING CO., LTD.

Part # BL8089
Description  PMU with 2 Synchronous 6V 1.5A Bucks and 2 CMOS 6V 500mA LDOs
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL8089 Datasheet(HTML) 2 Page - SHANGHAI BELLING CO., LTD.

  BL8089 Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BL8089 Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL8089 Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL8089 Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL8089 Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL8089 Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD. BL8089 Datasheet HTML 7Page - SHANGHAI BELLING CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.belling.com.cn
2
BL8089
TYPICAL APPLICATION
Ref
Driver
Control
Logic
SW2
GND
ENB1
VDD1
10uF
VDD1
2.2uH
10uF
R3
450K
R4
100K
Vout2
3.3V
22pF
VO2
VIN1
1uF
1.8V
VIN2
1uF
VIN2
VO1
1uF
1.2V
FB1
ENL2
VDD2
FB2
ENB2
SW1
GND
ENL1
Driver
2.2uH
10uF
R1
240K
R2
120K
Vout1
1.8V
22pF
1uF
1uF
VO1
5V
3.3V
VO2
VIN1
1.8V
VDD2
5V
ORDERING INFORMATION
Mark Explanation
SW2
VO2
GND
SW1
GND
ENL1
VO1
ENL2
17
8
7
5
6
16
15
13
14
GND
Ordering Information
UA: Product Code
YW: Date code(Year & Week)
LLLLLL: Lot No.
XX: Output Voltage(VO1)
YY: Output Voltage(VO2)
QFN3x3-16
3000pcs/reel
BL8089CJKTR□□□□
ABSOLUTE MAXIMUM RATING
Parameter
Value
Max Input Voltage (VDD)
8V
Max Input Voltage (VIN)
8V
Max Operating Junction Temperature(Tj)
125C
Ambient Temperature(Ta)
-40C – 85C
Maximum Power Dissipation
QFN3x3-16
2W
Package Thermal Resistance (jc)
13C / W
Package Thermal Resistance (jA)
60C / W
Storage Temperature(Ts)
-40C - 150C
Lead Temperature & Time
260C, 10S
Note: Exceed these limits to damage to the device. Exposure to absolute maximum rating conditions may affect
device reliability.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com