Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL8082B Datasheet(PDF) 4 Page - SHANGHAI BELLING CO., LTD.

Part # BL8082B
Description  PMU with 1 Synchronous Buck and 2 LDOs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL8082B Datasheet(HTML) 4 Page - SHANGHAI BELLING CO., LTD.

  BL8082B Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BL8082B Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL8082B Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL8082B Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL8082B Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL8082B Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.belling.com.cn
4
BL8082B
ELECTRICAL PERFORMANCE
Tested under TA=25C, unless otherwise specified
BUCK
LDO
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
0.001
0.01
0.1
1
10
Iout (A)
Efficiency vs. Output Current
(Vout=1.2V)
VDD=3.6V
VDD=4.0V
VDD=5.0V
VDD=6.0V
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
0.001
0.01
0.1
1
10
Iout (A)
Efficiency vs. Output Current
(Vout=1.8V)
VDD=3.6V
VDD=4.0V
VDD=5.0V
VDD=6.0V
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
0.001
0.01
0.1
1
10
Iout (A)
Efficiency vs. Output Current
(Vout=3.3V)
VDD=3.6V
VDD=4.0V
VDD=5.0V
VDD=6.0V
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
200
400
600
800
1000
Iout (mA)
Load Regulation
VO1=3.3V
VO2=1.8V
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
3
6
9
12
VIN (V)
Line Regulation
VO1=3.3V
VO2=1.8V
Output Ripple and SW at 1A load
VDD=5V / Vout=1.8V
Ch1—VDD, Ch2—Vout, Ch3—Vsw



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com