Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM74HC30J Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MM74HC30J
Description  8-Input NAND Gate
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MM74HC30J Datasheet(HTML) 1 Page - National Semiconductor (TI)

  MM74HC30J Datasheet HTML 1Page - National Semiconductor (TI) MM74HC30J Datasheet HTML 2Page - National Semiconductor (TI) MM74HC30J Datasheet HTML 3Page - National Semiconductor (TI) MM74HC30J Datasheet HTML 4Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TLF5133
January 1988
MM54HC30MM74HC30 8-Input NAND Gate
General Description
This NAND gate utilizes advanced silicon-gate CMOS tech-
nology to achieve operating speeds similar to LS-TTL gates
with the low power consumption of standard CMOS inte-
grated circuits This device has high noise immunity and the
ability to drive 10 LS-TTL loads The 54HC74HC logic fami-
ly is functionally as well as pin-out compatible with the stan-
dard 54LS74LS logic family All inputs are protected from
damage due to static discharge by internal diode clamps to
VCC and ground
Features
Y
Typical propagation delay 20 ns
Y
Wide power supply range 2 – 6V
Y
Low quiescent current 20 mA maximum (74HC Series)
Y
Low input current 1 mA maximum
Y
Fanout of 10 LS-TTL loads
Connection and Logic Diagrams
Dual-In-Line Package
TLF5133 – 1
Top View
Order Number MM54HC30 or MM74HC30
TLF5133 – 2
YeABCDEFGH
C1995 National Semiconductor Corporation
RRD-B30M105Printed in U S A


Similar Part No. - MM74HC30J

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM74HC32 FAIRCHILD-MM74HC32 Datasheet
78Kb / 6P
Quad 2-Input OR Gate
MM74HC32 FAIRCHILD-MM74HC32 Datasheet
85Kb / 7P
Quad 2-Input OR Gate
MM74HC32 FAIRCHILD-MM74HC32 Datasheet
329Kb / 9P
Quad 2-Input OR Gate
logo
ON Semiconductor
MM74HC32 ONSEMI-MM74HC32 Datasheet
281Kb / 5P
Quad 2-Input OR Gate
August- 2017, Rev. 2
logo
Fairchild Semiconductor
MM74HC32M FAIRCHILD-MM74HC32M Datasheet
78Kb / 6P
Quad 2-Input OR Gate
More results

Similar Description - MM74HC30J

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54LS30 NSC-54LS30 Datasheet
120Kb / 6P
8-Input NAND Gate
logo
STMicroelectronics
M54HC30 STMICROELECTRONICS-M54HC30 Datasheet
234Kb / 9P
8 INPUT NAND GATE
Feb-1993
M54HCT30 STMICROELECTRONICS-M54HCT30 Datasheet
233Kb / 9P
8 INPUT NAND GATE
Feb-1993
logo
Toshiba Semiconductor
TC74HC30AP TOSHIBA-TC74HC30AP Datasheet
229Kb / 6P
8-INPUT NAND GATE
logo
Fairchild Semiconductor
DM74ALS30A FAIRCHILD-DM74ALS30A Datasheet
59Kb / 5P
8-Input NAND Gate
DM74AS30 FAIRCHILD-DM74AS30 Datasheet
45Kb / 4P
8 Input NAND Gate
DM74LS30 FAIRCHILD-DM74LS30 Datasheet
45Kb / 4P
8-Input NAND Gate
DM74S30 FAIRCHILD-DM74S30 Datasheet
33Kb / 3P
8-Input NAND Gate
logo
Hitachi Semiconductor
HD74HC30 HITACHI-HD74HC30 Datasheet
45Kb / 8P
8-input NAND Gate
logo
Integral Corp.
IN74HC30A INTEGRAL-IN74HC30A Datasheet
244Kb / 5P
8-Input NAND Gate
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com