Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L5953 Datasheet(PDF) 8 Page - STMicroelectronics

Part # L5953
Description  MULTIPLE SWITCHING VOLTAGE REGULATOR
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5953 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L5953 Datasheet HTML 4Page - STMicroelectronics L5953 Datasheet HTML 5Page - STMicroelectronics L5953 Datasheet HTML 6Page - STMicroelectronics L5953 Datasheet HTML 7Page - STMicroelectronics L5953 Datasheet HTML 8Page - STMicroelectronics L5953 Datasheet HTML 9Page - STMicroelectronics L5953 Datasheet HTML 10Page - STMicroelectronics L5953 Datasheet HTML 11Page - STMicroelectronics L5953 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
L5953
8/24
Figure 1. AC Testing Input Output WaveformsI
Figure 2. SPI Clocking Scheme
tDHDL
tFI
Data in Fall Time
1
µs
tSHSL
tCS
S Deselect Time
4.5V < VSPI < 5.5V
3V < VSPI < 4.5V
200
250
ns
ns
tSHQZ
tDIS
Output Disable Time
150
ns
tQVCL
tV
Clock Low to Output Valid
250
ns
tCLQX
tHO
Output Hold Time
0
ns
tQLQH
tRO
Output Rise Time
100
ns
tQHQL
tFO
Output Fall Time
100
ns
Symbol
Alt
Parameter
Test Conditions
Min.
Max.
Unit
0.8VSPY
0.2VSPY
0.7VSPY
0.3VSPY
D03AU1479
C
S
(MODE 0: CPOL=0,CPHA=0)
(MODE 3: CPOL=1,CPHA=1)
C
MSB
654321
0
D
Q



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com