Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP2950 Datasheet(PDF) 7 Page - ON Semiconductor

Part # LP2950
Description  Low Power Low Dropout Voltage Regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LP2950 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button LP2950 Datasheet HTML 3Page - ON Semiconductor LP2950 Datasheet HTML 4Page - ON Semiconductor LP2950 Datasheet HTML 5Page - ON Semiconductor LP2950 Datasheet HTML 6Page - ON Semiconductor LP2950 Datasheet HTML 7Page - ON Semiconductor LP2950 Datasheet HTML 8Page - ON Semiconductor LP2950 Datasheet HTML 9Page - ON Semiconductor LP2950 Datasheet HTML 10Page - ON Semiconductor LP2950 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
LP2950, LP2951, NCV2951
www.onsemi.com
7
T, TEMPERATURE (
°C)
0
8.0
-50
550
-100
4.70
5.0
0.1
400
t, TIME (
ms)
t, TIME (
ms)
Vin, INPUT VOLTAGE (V)
IO, OUTPUT CURRENT (mA)
1.0
10
100
0
50
100
150
4.74
4.78
4.82
4.86
100
200
300
4.90
400
500
600
700
800
0
100
200
300
400
300
200
0
500
450
400
300
7.5
7.0
6.5
6.0
5.5
4.0
3.0
1.0
0
5.0
3.0
1.0
-1.0
RL = 50
Vin Decreasing
Vin Increasing
Vin
Vout
RL = 50 k
TA = 25°C
CL = 1.0 mF
IL = 1.0 mA
VO = 5.0 V
TA = 25°C
IL = 10 mA
Vin = 8.0 V
Vout = 5.0 V
CL = 10 mF
Shutdown Input
350
55
50
45
40
30
35
350
250
150
100
2.0
4.0
2.0
0
-2.0
-6.0
-4.0
6.0
4.0
2.0
0
50
CL = 1.0 mF
TA = 25°C
LP2951C
RL = 330 k
TA = 25°C
0
250
Vin, INPUT VOLTAGE (V)
Figure 6. Input Current
5.0
10
15
20
25
200
150
100
50
0
0.1 mA Load Current
No Load
Figure 7. Dropout Voltage versus Output Current
Figure 8. Dropout Voltage versus Temperature
Figure 9. Error Comparator Output
Figure 10. Line Transient Response
Figure 11. LP2951 Enable Transient



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com