Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMDT3906VC Datasheet(PDF) 1 Page - Diodes Incorporated

Part # MMDT3906VC
Description  40V DUAL PNP SMALL SIGNAL TRANSISTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MMDT3906VC Datasheet(HTML) 1 Page - Diodes Incorporated

  MMDT3906VC Datasheet HTML 1Page - Diodes Incorporated MMDT3906VC Datasheet HTML 2Page - Diodes Incorporated MMDT3906VC Datasheet HTML 3Page - Diodes Incorporated MMDT3906VC Datasheet HTML 4Page - Diodes Incorporated MMDT3906VC Datasheet HTML 5Page - Diodes Incorporated MMDT3906VC Datasheet HTML 6Page - Diodes Incorporated MMDT3906VC Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
MMDT3906VC
Document number: DS30640 Rev. 5 - 2
1 of 7
www.diodes.com
September 2017
© Diodes Incorporated
MMDT3906VC
40V DUAL PNP SMALL SIGNAL TRANSISTOR IN SOT563
Features
BVCEO > -40V
IC = -200mA High Collector Current
Epitaxial Planar Die Construction
Ideal for Low Power Amplification and Switching
Ultra-Small Surface Mount Package
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
Case: SOT563
Case Material: Molded Plastic,
“Green” Molding Compound.
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Finish
– Matte Tin Finish.
Solderable per MIL-STD-202, Method 208
Weight: 0.003 grams (Approximate)
Ordering Information (Note 4)
Product
Status
Compliance
Marking
Reel Size (inches)
Tape Width (mm)
Quantity per Reel
MMDT3906VC-7
Active
AEC-Q101
ARK
7
8
3,000
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See https://www.diodes.com/quality/lead-free/
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at https://www.diodes.com/design/support/packaging/diodes-packaging/.
Marking Information
Date Code Key
Year
2017
2018
2019
2020
2021
2022
2023
2024
2025
2026
2027
Code
E
F
G
H
I
J
K
L
M
N
O
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
ARK = Product Type Marking Code
YM = Date Code Marking
Y or Y = Year (ex: E = 2017)
M or M = Month (ex: 2 = February)
SOT563
SOT563
Top View
Bottom View
Top View


Similar Part No. - MMDT3906VC

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMDT3906VC DIODES-MMDT3906VC Datasheet
211Kb / 4P
DUAL PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30640 Rev. 3 - 2
MMDT3906VC-7 DIODES-MMDT3906VC-7 Datasheet
211Kb / 4P
DUAL PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30640 Rev. 3 - 2
MMDT3906VC DIODES-MMDT3906VC_15 Datasheet
213Kb / 4P
DUAL PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev 3
More results

Similar Description - MMDT3906VC

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMBT3906LP DIODES-MMBT3906LP Datasheet
162Kb / 5P
40V PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev 3
MMBT3906LP DIODES-MMBT3906LP_15 Datasheet
409Kb / 7P
40V PNP SMALL SIGNAL TRANSISTOR IN DFN1006
Rev 7
MMBT3906FZ DIODES-MMBT3906FZ Datasheet
500Kb / 7P
40V PNP SMALL SIGNAL TRANSISTOR IN DFN0606
Rev 2
MMBT3906 DIODES-MMBT3906_17 Datasheet
380Kb / 7P
40V PNP SMALL SIGNAL TRANSISTOR
Rev 20
MMDT2227Q DIODES-MMDT2227Q Datasheet
458Kb / 6P
40V COMPLEMENTARY NPN/PNP SMALL SIGNAL TRANSISTOR
Rev 1
MMDT3904 DIODES-MMDT3904_16 Datasheet
351Kb / 6P
40V DUAL NPN SMALL SIGNAL TRANSISTOR
Rev 18
MMBT3906T DIODES-MMBT3906T_16 Datasheet
428Kb / 6P
40V PNP SMALL SIGNAL TRANSISTOR
Rev 10
MMDT2222A DIODES-MMDT2222A_16 Datasheet
272Kb / 6P
40V DUAL NPN SMALL SIGNAL TRANSISTOR
Rev 14
MMDT2222V DIODES-MMDT2222V_16 Datasheet
588Kb / 6P
40V DUAL NPN SMALL SIGNAL TRANSISTOR
Rev 5
MMDT3906 DIODES-MMDT3906_16 Datasheet
446Kb / 7P
40V DUAL PNP SMALL SIGNAL TRANSISTOR
Rev 13
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com