Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE4964-2K Datasheet(PDF) 12 Page - Infineon Technologies AG

Part # TLE4964-2K
Description  3.0 V to 32 V operating supply voltage
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4964-2K Datasheet(HTML) 12 Page - Infineon Technologies AG

Back Button TLE4964-2K Datasheet HTML 8Page - Infineon Technologies AG TLE4964-2K Datasheet HTML 9Page - Infineon Technologies AG TLE4964-2K Datasheet HTML 10Page - Infineon Technologies AG TLE4964-2K Datasheet HTML 11Page - Infineon Technologies AG TLE4964-2K Datasheet HTML 12Page - Infineon Technologies AG TLE4964-2K Datasheet HTML 13Page - Infineon Technologies AG TLE4964-2K Datasheet HTML 14Page - Infineon Technologies AG TLE4964-2K Datasheet HTML 15Page - Infineon Technologies AG TLE4964-2K Datasheet HTML 16Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
TLE4964-2K
Specification
Data Sheet
12
Revision 1.0, 2012-05-15
3
Specification
3.1
Application Circuit
The following Figure 3-1 shows one option of an application circuit. As explained above the resistor RS can be left
out (see Figure 3-2). The resistor RQ has to be in a dimension to match the applied VS to keep IQ limited to the
operating ra
nge of maximum 25 mA.
e.g.:
VS = 12 V
IQ = 12 V/1200 Ω = 10 mA
Figure 3-1
Application Circuit 1: with external resistor
Figure 3-2
Application Circuit 2: without external resistor
GND
Vs
RQ = 1.2kΩ
CDD = 47nF
VDD
Q
TVS diode
e.g. ESD24VS2U
RS = 100Ω
GND
Vs
RQ = 1.2kΩ
CDD = 47nF
VDD
Q
TVS diode
e.g. ESD24VS2U



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com