Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE4964-3K Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # TLE4964-3K
Description  3.0 V to 32 V operating supply voltage
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4964-3K Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button TLE4964-3K Datasheet HTML 3Page - Infineon Technologies AG TLE4964-3K Datasheet HTML 4Page - Infineon Technologies AG TLE4964-3K Datasheet HTML 5Page - Infineon Technologies AG TLE4964-3K Datasheet HTML 6Page - Infineon Technologies AG TLE4964-3K Datasheet HTML 7Page - Infineon Technologies AG TLE4964-3K Datasheet HTML 8Page - Infineon Technologies AG TLE4964-3K Datasheet HTML 9Page - Infineon Technologies AG TLE4964-3K Datasheet HTML 10Page - Infineon Technologies AG TLE4964-3K Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
TLE4964-3K
Product Description
Data Sheet
7
Revision 1.0, 2012-06-04
1
Product Description
1.1
Overview
Figure 1-1
Image of TLE4964-3K in the PG-SC59-3-5 Package
1.2
Features
•
3.0 V to 32 V operating supply voltage
•
Operation from unregulated power supply
•
Reverse polarity protection (-18 V)
•
Overvoltage capability up to 42 V without external resistor
•
Output overcurrent & overtemperature protection
•
Active error compensation
•
High stability of magnetic thresholds
•
Low jitter (typ. 0.35 μs)
•
High ESD performance
•
SOT23 like SMD package PG-SC59-3-5 (TLE4964-3K)
1.3
Target Applications
Target applications for the TLE496x Hall switch family are all applications which require a high precision Hall
switch with an operating temperature range from -40°C to 170°C. Its superior supply voltage range from 3.0 V to
32 V with overvoltage capability (e.g. load-dump) up to 42 V without external resistor makes it ideally suited for
automotive and industrial applications.
The TLE4964-3K is a unipolar switch with a typical operating point BOP = 12.5 mT and a hysteresis of BHYS =
3.0 mT. It is ideally suited for various position detection applications.
Characteristic
Supply Voltage
Supply Current
Sensitivity
Interface
Temperature
Unipolar Hall
Effect Switch
3.0~32 V
1.6 mA
Medium
BOP:12.5 mT
BRP:9.5 mT
Open Drain
Output
-40°C to 170°C
Table 1-1
Ordering Information
Product Name
Product Type
Ordering Code
Package
TLE4964-3K
Unipolar Hall Switch
SP000910188
PG-SC59-3-5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com