Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP3410B Datasheet(PDF) 13 Page - Micronas

Part # MSP3410B
Description  Multistandard Sound Processor
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MSP3410B Datasheet(HTML) 13 Page - Micronas

Back Button MSP3410B Datasheet HTML 9Page - Micronas MSP3410B Datasheet HTML 10Page - Micronas MSP3410B Datasheet HTML 11Page - Micronas MSP3410B Datasheet HTML 12Page - Micronas MSP3410B Datasheet HTML 13Page - Micronas MSP3410B Datasheet HTML 14Page - Micronas MSP3410B Datasheet HTML 15Page - Micronas MSP3410B Datasheet HTML 16Page - Micronas MSP3410B Datasheet HTML 17Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 68 page
background image
PRELIMINARY DATA SHEET
MSP 3410 B
13
ITT Semiconductors
5. Control Bus Interface
As a slave receiver, the MSP 3410 B can be controlled
via I2C bus. Access to internal memory locations is
achieved by subaddressing. The FP processor and the
DFP processor parts have two separate subaddressing
register banks.
In order to allow for more MSP 3410 B IC’s to be con-
nected to the control bus, an ADR_SEL pin has been im-
plemented. With ADR_SEL pulled to high, the MSP
3410 B responds to changed device addresses, thus
two identical devices can be selected. Other devices of
the same family will have different subaddresses (e.g.
34X0).
By means of the RESET bit in the CONTROL register all
devices with the same device address are reset.
The IC is selected by asserting a special device address
in the address part of a I2C transmission. A device ad-
dress pair is defined as a write address (80 hex or 84
hex) and a read address (81 hex or 85 hex). Writing is
done by sending the device write address first, followed
by the subaddress byte, two address bytes, and two
data bytes. For reading, the read address has to be
transmitted first by sending the device write address (80
hex or 84 hex) followed by the subaddress byte and two
address bytes. Without sending a stop condition, read-
ing of the addressed data is done by sending the device
read address (81 hex or 85 hex) and reading two bytes
of data. Refer to Fig. 5–1: I2C Bus Protocol and section
5.2. Proposal for MSP 3410 B I2C Telegrams.
Due to the internal architecture of the MSP 3410 B, the
IC cannot react immediately to an I2C request. The typi-
cal response time is about 0.3 ms for the DFP processor
part and 1 ms for the FP processor part if NICAM proces-
sing is active. If the receiver (MSP) can’t receive another
complete byte of data until it has performed some other
functions, for example servicing an internal interrupt, it
can hold the clock line I2C_CL LOW to force the trans-
mitter into a wait state. The positions within a transmis-
sion where this may happen are indicated by ’Wait’ in
section 5.1. The maximum Wait-period of the MSP dur-
ing normal operation mode is less than 7 ms.
I2C-Bus error conditions (valid only from TC17 on):
In case of any internal error, the MSPs wait-period is ex-
tended to 7.07 ms. Afterwards the MSP does not ac-
knowledge (NAK) the device address. The data line will
be left HIGH by the MSP and the clock line will be re-
leased. The master can then generate a STOP condition
to abort the transfer.
By means of NAK, the master is able to recognize the er-
ror state and to reset the IC via I2C-Bus. While transmit-
ting the reset protocoll (s. 5.2.4.) to ‘CONTROL’, the
master must ignore the not acknowledge bits (NAK) of
the MSP.
Table 5–1: I2C Bus Device and Subaddresses
Name
Binary Value
Hex Value
Hex Value
Mode
Function
ADR_SEL=low
ADR_SEL=high
MSP
1000 000x
80/81
84/85
R/W
MSP device address
CONTROL
0000 0000
00
W
software reset
TEST
0000 0001
01
W
only for internal use
WR_FP
0001 0000
10
W
write address FP
RD_FP
0001 0001
11
W
read address FP
WR_DFP
0001 0010
12
W
write address DFP
RD_DFP
0001 0011
13
W
read address DFP
Table 5–2: Control Register
Name
MSB
14
13..1
LSB
CONTROL
RESET
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com