Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE4983C-HTNE6747 Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # TLE4983C-HTNE6747
Description  TPO True Power On functionality
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4983C-HTNE6747 Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button TLE4983C-HTNE6747 Datasheet HTML 3Page - Infineon Technologies AG TLE4983C-HTNE6747 Datasheet HTML 4Page - Infineon Technologies AG TLE4983C-HTNE6747 Datasheet HTML 5Page - Infineon Technologies AG TLE4983C-HTNE6747 Datasheet HTML 6Page - Infineon Technologies AG TLE4983C-HTNE6747 Datasheet HTML 7Page - Infineon Technologies AG TLE4983C-HTNE6747 Datasheet HTML 8Page - Infineon Technologies AG TLE4983C-HTNE6747 Datasheet HTML 9Page - Infineon Technologies AG TLE4983C-HTNE6747 Datasheet HTML 10Page - Infineon Technologies AG TLE4983C-HTNE6747 Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
Page 7 of 29
Hysteresis concept:
There are two different hysteresis concepts implemented in the IC.
The first one is called visible hysteresis, meaning that the output switching levels are
changed between two distinct values (depending on the direction of the magnetic field
during a switching event), whenever a certain amount of the magnetic field has been
passing through after the last switching event. The visible hysteresis is used in the
precalibrated mode of unprogrammed sensors. See fig.1 for more details.
The second form of hysteresis is called hidden hysteresis. This means, that one cannot
observe a hysteresis from outside. If the value of the switching level does not change,
the output always switches at the same level. But inside the IC there are two distinct
levels close above and below the switching level, which are used to arm the output. In
other words if the value of the magnetic field crosses the lower of this hysteresis levels,
then the output will be able to switch if the field crosses the switching level. After this
switching event the output will be disabled until the value of the magnetic field crosses
one of the two hysteresis levels. If it crosses the upper hysteresis level, then the output
will be armed again and can switch if the magnetic field crosses the switching level. On
the other hand, if the magnetic field does not reach the upper hysteresis level, but the
lower hysteresis level will be crossed again after a switching event, then the output is
allowed to switch, so that no tooth will be lost. But please notice that this causes an
additional phase error. The hidden hysteresis is used for programmed sensors in
precalibrated and calibrated mode. For more details see fig.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com