Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE4998S Datasheet(PDF) 25 Page - Infineon Technologies AG

Part # TLE4998S
Description  Programmable Linear Hall Sensor
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4998S Datasheet(HTML) 25 Page - Infineon Technologies AG

Back Button TLE4998S Datasheet HTML 21Page - Infineon Technologies AG TLE4998S Datasheet HTML 22Page - Infineon Technologies AG TLE4998S Datasheet HTML 23Page - Infineon Technologies AG TLE4998S Datasheet HTML 24Page - Infineon Technologies AG TLE4998S Datasheet HTML 25Page - Infineon Technologies AG TLE4998S Datasheet HTML 26Page - Infineon Technologies AG TLE4998S Datasheet HTML 27Page - Infineon Technologies AG TLE4998S Datasheet HTML 28Page - Infineon Technologies AG TLE4998S Datasheet HTML 29Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 39 page
background image
TLE4998S
Error Detection
Data Sheet
25
V 1.0, 2008-07
7
Error Detection
Different error cases can be detected by the On-Board Diagnostics (OBD) and reported
to the microcontroller in the status nibble (see Chapter 13).
7.1
Voltages Outside the Operating Range
The output signals an error condition if
VDD crosses the overvoltage threshold level.
7.2
EEPROM Error Correction
The parity method is able to correct a single bit in the EEPROM line. One other single bit
error in another EEPROM line can also be detected, but not corrected. In an
uncorrectable EEPROM failure, the open drain stage is disabled and kept in the off state
permanently (high ohmic/sensor defect).
Table 14
Overvoltage
Parameter
Symbol
Limit Values
Unit
Notes
min.
typ.
max.
Overvoltage threshold
VDDov
16.65
17.5
18.35
V
1)
1) Overvoltage bit activated in status nibble, output stays in “off” state (high ohmic)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com