Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP3220 Datasheet(PDF) 7 Page - Lowpower Semiconductor inc

Part # LP3220
Description  1.5MHz, 1.0A Step-Down Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP3220 Datasheet(HTML) 7 Page - Lowpower Semiconductor inc

Back Button LP3220 Datasheet HTML 3Page - Lowpower Semiconductor inc LP3220 Datasheet HTML 4Page - Lowpower Semiconductor inc LP3220 Datasheet HTML 5Page - Lowpower Semiconductor inc LP3220 Datasheet HTML 6Page - Lowpower Semiconductor inc LP3220 Datasheet HTML 7Page - Lowpower Semiconductor inc LP3220 Datasheet HTML 8Page - Lowpower Semiconductor inc LP3220 Datasheet HTML 9Page - Lowpower Semiconductor inc LP3220 Datasheet HTML 10Page - Lowpower Semiconductor inc LP3220 Datasheet HTML 11Page - Lowpower Semiconductor inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
LP3220-02
Jun.-2015
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 7 of 12
Preliminary Datasheet
LP3220
Over current Waveform
Over current Release Waveform
VIN=5V,VOUT=1.2V,RLOAD=0.01Ω
VIN=5V,VOUT=1.2V,RLOAD=0.01Ω
Load Transient Response
VIN=5V,VOUT=1.2V,IOUT=0.3A ~ 1A
4ms/div.
4ms/div.
LX /DC
2V/div.
IL /DC
2A/div.
LX /DC
2V/div.
VOUT /DC
1V/div.
IL /DC
2A/div.
VOUT /DC
1V/div.
IL /DC
1A/div.
LX /DC
2V/div.
100us/div.
VOUT /AC
50mV/div.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com