Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP6253H Datasheet(PDF) 5 Page - Lowpower Semiconductor inc

Part # LP6253H
Description  High Efficiency 8A Synchronous Boost Convertor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP6253H Datasheet(HTML) 5 Page - Lowpower Semiconductor inc

  LP6253H Datasheet HTML 1Page - Lowpower Semiconductor inc LP6253H Datasheet HTML 2Page - Lowpower Semiconductor inc LP6253H Datasheet HTML 3Page - Lowpower Semiconductor inc LP6253H Datasheet HTML 4Page - Lowpower Semiconductor inc LP6253H Datasheet HTML 5Page - Lowpower Semiconductor inc LP6253H Datasheet HTML 6Page - Lowpower Semiconductor inc LP6253H Datasheet HTML 7Page - Lowpower Semiconductor inc LP6253H Datasheet HTML 8Page - Lowpower Semiconductor inc LP6253H Datasheet HTML 9Page - Lowpower Semiconductor inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
LP6253H
Aug.-2017
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 5 of 12
Preliminary Datasheet
LP6253H
Typical Operating Characteristics
VIN=3V, VOUT=5V, IOUT=2A
VIN=3.7V, VOUT=5V, IOUT=2A
VIN=3V, VOUT=5V, IOUT=1A
VIN=3.7V, VOUT=5V, IOUT=1A
Output Unloading @ VIN=3V, IOUT=2A→0A
Output Unloading @ VIN=3.7V, IOUT=2A→0A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com