Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

86115D Datasheet(PDF) 30 Page - Keysight Technologies

Part # 86115D
Description  Wide-Bandwidth Oscilloscope Mainframe and Modules
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

86115D Datasheet(HTML) 30 Page - Keysight Technologies

Back Button 86115D Datasheet HTML 26Page - Keysight Technologies 86115D Datasheet HTML 27Page - Keysight Technologies 86115D Datasheet HTML 28Page - Keysight Technologies 86115D Datasheet HTML 29Page - Keysight Technologies 86115D Datasheet HTML 30Page - Keysight Technologies 86115D Datasheet HTML 31Page - Keysight Technologies 86115D Datasheet HTML 32Page - Keysight Technologies 86115D Datasheet HTML 33Page - Keysight Technologies 86115D Datasheet HTML 34Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 35 page
background image
30 | Keysight | Infiniium DCA-X 86100D Wide-Bandwidth Oscilloscope Mainframe and Modules - Data Sheet
Optical/electrical modules (Continued)
86115D 2
20 GHz multi-optical port plug-in module; single-mode
and multimode (750 to 1650 nm); filters for 8.5, 9.953,
10.3125, 10.519, 10.664, 10.709, 11.096, 11.317, 14.025
Gb/s
86115D-002
Two optical channels with filters for all rates listed (8.5 to
14.025 Gb/s)
86115D-102
Identical capability as 86115D-002, 14.025 Gb/s filters
not included
86115D-142
Identical capability as 86115D-002, only filters provided
are 14.025 Gb/s
86115D-282
Two optical channels with filters for 15, 25.78, 27.95,
28.05 Gb/s (contact Keysight for 14.025 Gb/s filter) 4
86115D-004
Four optical ports with filters for all rates listed (8.5
to 14.025 Gb/s) mulitplexed to two optical channels
through 2 integral 1X2 optical switches
86115D-104
Identical capability as 86115D-004, 14.025 Gb/s filters
not included
86115D-144
Identical capability as 86115D-004, only filters provided
are 14.025 Gb/s
86115D-IRC
System impulse response correction calibration
86116C 1, 2
40 to 65 GHz optical/80 GHz electrical sampling module,
1300 to 1620 nm
86116C-IRC 3
System impulse response correction calibration
This module is not compatible with the 86100A and 86100B DCA
mainframes. If you want to upgrade older DCAs, contact Keysight
Technologies to discuss current trade-in deals. All optical modules
have FC/PC connectors installed on each optical port. Other connector
adapters available as options are: Diamond HMS-10, DIN, ST and SC.
Select exactly one reference receiver option:
86116C-025
40 GHz optical/80 GHz electrical channels,
17.0/25.8/27.7 Gb/s reference receiver
86116C-041
65 GHz optical/80 GHz electrical channels,
39.81/41.25/43.02 Gb/s reference receiver
Dual/Quad electrical channel modules
86112A
Dual 20 GHz electrical channels
86112A-HBW
Dual 30 GHz electrical channels
86118A
Dual 70 GHz electrical remote sampling channels
86118A-H01
Differential de-skew
N1045A 2
2/4 port 60 GHz electrical remote head
N1045A-02F
2 channel remote head, 1.85 mm, female
N1045A-02M
2 channel remote head, 1.85 mm, male
N1045A-04F
4 channel remote head, 1.85 mm, female
N1045A-04M
4 channel remote head, 1.85 mm, male
N1046A
100 GHz, 1/2/4 port electrical remote sampling head
N1046A-71F
1 channel, 75 GHz remote head, 1 mm, female
N1046A-81F
1 channel, 85 GHz remote head, 1 mm, female
N1046A-11F
1 channel, 100 GHz remote head, 1 mm, female
N1046A-72F
2 channel, 75 GHz remote head, 1 mm, female
N1046A-82F
2 channel, 85 GHz remote head, 1 mm, female
N1046A-12F
2 channel, 100 GHz remote head, 1 mm, female
N1046A-74F
4 channel, 75 GHz remote head, 1 mm, female
N1046A-84F
4 channel, 85 GHz remote head, 1 mm, female
N1046A-14F
4 channel, 100 GHz remote head, 1 mm, female
TDR/TDT modules
54754A 1, 5
Differential TDR module with dual 18 GHz TDR/electrical
channels
N1055A 1, 2
35/50 GHz, 2/4 port, TDR/TDT remote head
N1055A-FS1
Fast sampling, mandatory option
N1055A-32F
35 GHz, 2 channel remote head, 2.92 mm, female
N1055A-32M
35 GHz, 2 channel remote head, 2.92 mm, male
N1055A-34F
35 GHz, 4 channel remote head, 2.92 mm, female
N1055A-34M
35 GHz, 4 channel remote head, 2.92 mm, male
N1055A-52F
50 GHz, 2 channel remote head, 1.85 mm, female
N1055A-52M
50 GHz, 2 channel remote head, 1.85 mm, male
N1055A-54F
50 GHz, 4 channel remote head, 1.85 mm, female
N1055A-54M
50 GHz, 4 channel remote head, 1.85 mm, male
N1055A-FS1
Fast sampling
1. 86100D-ETR is recommended when;
a. More than 1 TDR module is connected to the same DUT.
b. Using a DCA module equipped with a rear-panel trigger circuit.
Examples include 54754A, 83496x, and 86108A/B modules. If
operating these modules in an 86100D with Option STR, an external
cable (such as P/N 5062-6690) must be connected from the module’s
front panel trigger/clock output to the 86100D’s trigger input.
2. Requires 86100D mainframe (not compatible with 86100A/B/C).
3. This module is not compatible with the 86100A and 86100B DCA
mainframes. If you want to upgrade older DCAs, contact Keysight
Technologies to discuss current trade-in deals.
4. Supports both DCA-X and DCA-M platforms. For detailed
N1076A/N1077A specifications, refer to the data sheet located at
www.keysight.com/find/N1077A. Standalone clock recovery instruments
are controlled via a USB connection to an 86100D DCA-X mainframe or a
user-supplied PC running N1010A FlexDCA software.
5. Included with each of these TDR modules is a TDR trigger cable, two 50 Ω
SMA terminations and one SMA short.
Ordering Information (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com