Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP6284 Datasheet(PDF) 7 Page - Lowpower Semiconductor inc

Part # LP6284
Description  Multi-Channel DC-DC Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP6284 Datasheet(HTML) 7 Page - Lowpower Semiconductor inc

  LP6284 Datasheet HTML 1Page - Lowpower Semiconductor inc LP6284 Datasheet HTML 2Page - Lowpower Semiconductor inc LP6284 Datasheet HTML 3Page - Lowpower Semiconductor inc LP6284 Datasheet HTML 4Page - Lowpower Semiconductor inc LP6284 Datasheet HTML 5Page - Lowpower Semiconductor inc LP6284 Datasheet HTML 6Page - Lowpower Semiconductor inc LP6284 Datasheet HTML 7Page - Lowpower Semiconductor inc LP6284 Datasheet HTML 8Page - Lowpower Semiconductor inc LP6284 Datasheet HTML 9Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Preliminary Datasheet
LP6284
Email: marketing@lowpowersemi.com www.lowpowersemi.com
Page 7 of 9
LP6284–00
Version 0.0 AUG.-2016
Electrical Characteristics (Continued)
(VIN =3.3V, VAVDD =10V, TA=25°C, unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Low Dropout Linear Regulator
LDO Supply Voltage
VLDO
2.5
5.5
V
LDO Supply Current
IQ_LDO
90
uA
Dropout Voltage
VDrop
VIN= 3.3V, IOUT = 350mA
450
500
mV
LDO Feedback Voltage
VLDOF
1.224
1.24
1.256
V
Current Limit
ILimit
350
400
mA
Line Regulation
VIN=2.5V to 5.5V, IOUT=0.1A,
VLDO=2.5V
0.1
0.3
%/V
Load Regulation
IOUT=1mA to 300mA
0.2
0.5
%
Gate Pulse Modulator
VFLK Input High Voltage
VH_FLK
1.5
V
VFLK Input High Voltage
VL_FLK
0.8
V
HVDP Charge Current
IHVDP
20
uA
VGH Switch ON Resistance
RDS_GH
20
DRN Switch ON Resistor
RDS_DRN
25
Positive Charge Pump
Feedback Voltage
VFBP
No Load
1.216
1.24
1.264
V
FBP Input Bias Current
IB
VFBP=1.5V
-50
+50
nA
DRVP Switch ON Resistance
RDS_P
20
RDS_N
20
Switch Frequency
FSW_DRVP
FOSC /2
Hz
Continuous Output Current
IDRVP
20
mA
Unity-Gain Operation Amplifier
OPA Supply Current
IOP
0.5
0.9
mA
Input Offset Voltage
VOS
VOPO=VAVDD/2
-17
+17
mV
OPI Input Bias Current
IOP_B
1
50
nA
Output Voltage Swing High
VOH
ILoad = 75mA
VAVDD-
1.5
V
Output Voltage Swing Low
VOL
ILoad = -75mA
1.5
Short Circuit Current
VOP_Short
VOPI= VAVDD/2
±180
mA
-3dB Bandwidth
F3dB
12
MHz
Gain Bandwidth
GBW
8
MHz
Slew Rate
SR
12
V/us



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com