Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

86115D-IRC Datasheet(PDF) 12 Page - Keysight Technologies

Part # 86115D-IRC
Description  Wide-Bandwidth Oscilloscope Mainframe and Modules
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

86115D-IRC Datasheet(HTML) 12 Page - Keysight Technologies

Back Button 86115D-IRC Datasheet HTML 8Page - Keysight Technologies 86115D-IRC Datasheet HTML 9Page - Keysight Technologies 86115D-IRC Datasheet HTML 10Page - Keysight Technologies 86115D-IRC Datasheet HTML 11Page - Keysight Technologies 86115D-IRC Datasheet HTML 12Page - Keysight Technologies 86115D-IRC Datasheet HTML 13Page - Keysight Technologies 86115D-IRC Datasheet HTML 14Page - Keysight Technologies 86115D-IRC Datasheet HTML 15Page - Keysight Technologies 86115D-IRC Datasheet HTML 16Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 35 page
background image
12 | Keysight | Infiniium DCA-X 86100D Wide-Bandwidth Oscilloscope Mainframe and Modules - Data Sheet
Single-mode and multimode optical/electrical (Continued)
Multiple and single-mode
optical/electrical modules
86115D
Option 002, 102, 142 2
86115D
Option 004, 104, 144 2
86115D
Option 282
Optical channel specifications
Optical channel unfiltered bandwidth 20 GHz (22 GHz)
20 GHz (22 GHz)
34 GHz
Wavelength range
750 to 1650 nm
750 to 1650 nm
750 to 1650 nm
Calibrated wavelengths
850 nm/1310 nm/1550 nm
850 nm/1310 nm/1550 nm
850 nm/1310 nm/1550 nm
Optical sensitivity 1
850 nm:
850 nm:
850 nm:
– 8.5 to 11.3 Gb/s, –9 dBm
– 8.5 to 11.3 Gb/s, –8 dBm
– 15 Gb/s, –9 dBm
– 14.025 Gb/s, –6 dBm
– 14.025 Gb/s, –5 dBm
– 25.78 Gb/s, –6 dBm
– 27.85 to 28.05 Gb/s, –5 dBm
1310 nm/1550 nm:
1310/1550 nm:
1310 nm/1550 nm:
– 8.5 to 11.3 Gb/s, –12 dBm
– 8.5 to 11.3 Gb/s, –11 dBm
– 15 Gb/s, –8 dBm
– 14.025 Gb/s, –9 dBm
– 14.025 Gb/s, –8 dBm
– 25.78 Gb/s, –7 dBm
– 27.95 to 28.05 Gb/s, –6 dBm
1550 nm:
– 15 Gb/s, –8 dBm
– 25.78 Gb/s, –8 dBm
– 27.95 to 28.05 Gb/s, –7 dBm
Transition time (10 to 90% calculated
from TR = 0.48/BW optical)
24 ps
24 ps
15 ps
RMS noise
Characteristic
850 nm:
850 nm:
850 nm:
– 8.5 to 11.3 Gb/s, 10 μW
– 8.5 to 11.3 Gb/s, 12 μW
– 15 Gb/s, 9 µW
– 14.025 Gb/s, 16 μW
– 14.025 Gb/s, 20 μW
– 25.78 Gb/s, 17 µW
– 27.95 to 28.05 Gb/s, 18 µW
– Unfiltered, 25 µW
1310/1550 nm:
1310/1550 nm:
1310 nm:
– 8.5 to 11.3 Gb/s, 5 μW
– 8.5 to 11.3 Gb/s, 6 μW
– 25.78 Gb/s, 13 µW
– 14.025 Gb/s, 8 μW
– 14.025 Gb/s, 10 μW
– Unfiltered, 18 µW
1550 nm:
– 15 Gb/s, 8 µW
– 25.78 Gb/s, 15 µW
– 27.95 to 28.05 Gb/s, 17 µW
– Unfiltered, 21 µW
Maximum
850 nm:
850 nm:
850 nm:
– 8.5 to 11.3 Gb/s, 12 μW
– 8.5 to 11.3 Gb/s, 14 μW
– 15 Gb/s, 15 µW
– 14.025 Gb/s, 24 μW
– 14.025 Gb/s, 30 μW
– 25.78 Gb/s, 25 µW
– 27.95 to 28.05 Gb/s, 25 µW
– Unfiltered, 35 µW
1310/1550 nm:
1310/1550 nm:
1310 nm:
– 8.5 to 11.3 Gb/s, 7 μW
– 8.5 to 11.3 Gb/s, 8.5 μW
– 15 Gb/s, 12 µW
– 14.025 Gb/s, 12 μW
– 14.025 Gb/s, 14 μW
– 25.78 Gb/s, 20 µW
– 27.95 to 28.05 Gb/s, 20 µW
– Unfiltered, 25 µW
1550 nm:
– 15 Gb/s, 14 µW
– 25.78 Gb/s, 23 µW
– 27.95 to 28.05 Gb/s, 23 µW
– Unfiltered, 30 µW
1. Generally represents the power level where an ideal eye diagram will approach 0% mask margin due to noise of the oscilloscope. Provides a non-specified
figure of merit to compare sensitivities of various optical channels.
2. Options 102 and 104 do not include filters for 14.025 Gb/s. Options 142 and 144 include filters for 14.025 Gb/s and no other rates.
Modules Specifications (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com