Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OV7410 Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # OV7410
Description  SINGLE-CHIP CMOS COLOR PAL CAMERA
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OV7410 Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button OV7410 Datasheet HTML 8Page - List of Unclassifed Manufacturers OV7410 Datasheet HTML 9Page - List of Unclassifed Manufacturers OV7410 Datasheet HTML 10Page - List of Unclassifed Manufacturers OV7410 Datasheet HTML 11Page - List of Unclassifed Manufacturers OV7410 Datasheet HTML 12Page - List of Unclassifed Manufacturers OV7410 Datasheet HTML 13Page - List of Unclassifed Manufacturers OV7410 Datasheet HTML 14Page - List of Unclassifed Manufacturers OV7410 Datasheet HTML 15Page - List of Unclassifed Manufacturers OV7410 Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
OV7910P/OV7410P/OV7411P
12
Version 1.4
December 7, 1999
SINGLE IC CMOS COLOR & B/W PAL ANALOG CAMERAS
OMNIVISION TECHNOLOGIES, Inc.
Preliminary
below).
Figure 4. Bit Transfer on the I2C Bus
SDA
SCL
DATA
STABLE
DATA
CHANGE
ALLOWED
2.1
I2C Bus Protocol Format
In I2C operation, the master must perform the following
operations:
n Generate the start/stop condition
n Provide the serial clock on SCL
n Place the 7-bit slave address, the RW bit,
and the 8-bit subaddress on SDA
The receiver must pull down SDA during the acknowl-
edge bit time. During the write cycle, the OV7910P/
OV7410P/OV7411P device returns the acknowledg-
ment and, during read cycle, the master returns the
acknowledgment except when the read data is the last
byte. If the read data is the last byte, the master does
not perform an acknowledge, indicating to the slave
that the read cycle can be terminated. Note that the
restart feature is not supported here.
Within each byte, MSB is always transferred first.
Read/write control bit is the LSB of the first byte. Stan-
dard I2C communications require only two pins: SCL
and SDA. SDA is configured as open drain for bidirec-
tional purpose. A HIGH to LOW transition on the SDA
while SCL is HIGH indicates a START condition. A
LOW to HIGH transition on the SDA while SCL is HIGH
indicates a STOP condition. Only a master can gener-
ate START/STOP conditions.
Except for these two special conditions, the protocol
that SDA remain stable during the HIGH period of the
clock, SCL. Each bit is allowed to change state only
when SCL is LOW (See Figure 4. Bit Transfer on the
I2C Bus and Figure 5. Data Transfer on the I2C Bus
I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com