Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB1002AI Datasheet(PDF) 7 Page - Texas Instruments

Part # TUSB1002AI
Description  USB3.2 10 Gbps Dual-Channel Linear Redriver
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB1002AI Datasheet(HTML) 7 Page - Texas Instruments

Back Button TUSB1002AI Datasheet HTML 3Page - Texas Instruments TUSB1002AI Datasheet HTML 4Page - Texas Instruments TUSB1002AI Datasheet HTML 5Page - Texas Instruments TUSB1002AI Datasheet HTML 6Page - Texas Instruments TUSB1002AI Datasheet HTML 7Page - Texas Instruments TUSB1002AI Datasheet HTML 8Page - Texas Instruments TUSB1002AI Datasheet HTML 9Page - Texas Instruments TUSB1002AI Datasheet HTML 10Page - Texas Instruments TUSB1002AI Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
7
TUSB1002A
www.ti.com
SLLSF63 – MARCH 2018
Product Folder Links: TUSB1002A
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Electrical Characteristics (continued)
over operating free-air temperature and voltage range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
EDC_GAIN0
DC Gain at 0 dB setting
200 mVpp VID at 100 MHz; 1200mV
Linear Range Setting;
.7
dB
EDC_GAIN1
DC Gain at 1 dB setting
200 mVpp VID at 100 MHz; 1200mV
Linear Range Setting;
1.6
dB
EDC_GAIN2
DC Gain at 2 dB setting
200 mVpp VID at 100 MHz; 1000mV
Linear Range Setting;
2.3
dB
EDC_GAIN-1
DC Gain at -1 dB setting
200 mVpp VID at 100 MHz; 1200mV
Linear Range Setting;
-0.25
dB
VDIFF_IN
Input differential peak-peak
voltage swing range
1200
mV
VRX-DC-CM
RX DC common mode voltage
0
V
RRX-DC-CM
RX DC common mode
impedance
Measured at connector; Present when
USB Device detected on TXP/N;
18
30
Ω
RRX-DC-DIFF
RX DC differential impedance
Measured at connector; Present when
USB Device detected on TXP/N;
72
120
Ω
ZRX-DC-DIFF
DC Input CM Input Impedance
V > 0 during RESET or power
down.
1. Rx DC CM Impedance with Rx
terminations not powered. 2. Measured
over the range 0 - 500 mV with respect to
GND. 3. Only DC input CM Input
impedance V > 0 is specified.
35
VRX-SIGNAL-DET
Input differential peak-to-peak
signal detect assert level
At 10 Gbps; No loss input channel and
PRBS7 pattern.
85
mV
VRX-IDLE-DET
Input differential peak-to-peak
signal detect de-assert level
At 10 Gbps; No loss input channel and
PRBS7 pattern.
60
mV
VRX-LFPS-DET
LFPS detect threshold.
Below min is squelched
100
310
mV
VRX-CM-AC-P
Peak RX AC common mode
voltage
Measured at package pin.
150
mV
USB3.1 Transmitter Interface (TX1P/N and TX2P/N)
RL_TX_100 MHz
Tx Differential return loss at
100 MHz
SDD22 100 MHz - 2.5 GHz at 90-ohms
-20
dB
RL_TX_2.5 GHz
Tx Differential return loss at 5
GHz
SDD22 5 GHz at 90-ohms
-16
dB
RL_TX_10 GHz
Tx Differential return loss from
5 to 10 GHz
SDD22 5 GHz to 10 GHz at 90-ohms
-8.5
dB
RL_TX_CM
Tx common mode return loss
SCC22 0.5 to 5 GHz at 90-ohms
-6.7
dB
VTX-DIFFPP-1200
Differential peak-to-peak TX
voltage swing linear dynamic
range at 100MHz
1200 mVpp setting; 100MHz; Measured
at -1dB compression point = 20
log(VOD/VOD_linear)
1000
mV
Differential peak-to-peak TX
voltage swing linear dynamic
range at 5GHz
1200 mVpp setting; 5GHz; Measured at
-1dB compression point = 20
log(VOD/VOD_linear)
1300
mV
VTX-DIFFPP-1000
Differential peak-to-peak TX
voltage swing linear dynamic
range at 100MHz
1000 mVpp setting; 100MHz; Measured
at -1dB compression point = 20
log(VOD/VOD_linear)
900
mV
Differential peak-to-peak TX
voltage swing linear dynamic
range at 5GHz
1000 mVpp setting; 5GHz; Measured at
-1dB compression point = 20
log(VOD/VOD_linear)
1150
mV
VTX-DIFFPP-900
Differential peak-to-peak TX
voltage swing linear dynamic
range at 100MHz
900 mVpp setting; 100MHz; Measured at
-1dB compression point = 20
log(VOD/VOD_linear)
800
mV
Differential peak-to-peak TX
voltage swing linear dynamic
range at 5GHz
900 mVpp setting; 5GHz; Measured at
-1dB compression point = 20
log(VOD/VOD_linear)
1000
mV
VTX-RCV-DETECT
Amount of voltage change
allowed during Rx Detection.
Measured at package pins.
600
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com