Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM-3430 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # PCM-3430
Description  Symbios SYM53C895 Small Computer System Integrated chip
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PCM-3430 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  PCM-3430 Datasheet HTML 1Page - List of Unclassifed Manufacturers PCM-3430 Datasheet HTML 2Page - List of Unclassifed Manufacturers PCM-3430 Datasheet HTML 3Page - List of Unclassifed Manufacturers PCM-3430 Datasheet HTML 4Page - List of Unclassifed Manufacturers PCM-3430 Datasheet HTML 5Page - List of Unclassifed Manufacturers PCM-3430 Datasheet HTML 6Page - List of Unclassifed Manufacturers PCM-3430 Datasheet HTML 7Page - List of Unclassifed Manufacturers PCM-3430 Datasheet HTML 8Page - List of Unclassifed Manufacturers PCM-3430 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
PCM-3430
2
PCM-3430 Installation Guide
BC-599/596
Specification
• LSI SYM53C895 PCI-to-Ultra 2 SCSI I/O Processor
• Performs SCSI data transfers up to 80 MB/s, synchronous
operations on a wide LVD SCSI bus
• Allows total SCSI cable lengths up to 12 meters
• Allows up to 15 LVD SCSI devices on this wide bus
• Complete software solution with BIOS and drivers
• Drivers are available for DOS, Novell, Netware, Windows NT,
UnixWare, Windows 95/98, OS/2 and SCO Opensaver
• Power requirement: +5V
• Dimentions: 3.55" (L) x 3.75" (W) (90mm x 96mm)
• Operating temperature: 32 to 140 o F (0 to 60 o C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com