Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F818-I/P Datasheet(PDF) 13 Page - Microchip Technology

Part # PIC16F818-I/P
Description  18/20-Pin Enhanced Flash Microcontrollers with nanoWatt Technology
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F818-I/P Datasheet(HTML) 13 Page - Microchip Technology

Back Button PIC16F818-I/P Datasheet HTML 9Page - Microchip Technology PIC16F818-I/P Datasheet HTML 10Page - Microchip Technology PIC16F818-I/P Datasheet HTML 11Page - Microchip Technology PIC16F818-I/P Datasheet HTML 12Page - Microchip Technology PIC16F818-I/P Datasheet HTML 13Page - Microchip Technology PIC16F818-I/P Datasheet HTML 14Page - Microchip Technology PIC16F818-I/P Datasheet HTML 15Page - Microchip Technology PIC16F818-I/P Datasheet HTML 16Page - Microchip Technology PIC16F818-I/P Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 176 page
background image
 2004 Microchip Technology Inc.
DS39598E-page 11
PIC16F818/819
FIGURE 2-3:
PIC16F818 REGISTER FILE MAP
Indirect addr.(*)
TMR0
PCL
STATUS
FSR
PORTA
PORTB
PCLATH
INTCON
PIR1
TMR1L
TMR1H
T1CON
TMR2
T2CON
SSPBUF
SSPCON
CCPR1L
CCPR1H
CCP1CON
OPTION_REG
PCL
STATUS
FSR
TRISA
TRISB
PCLATH
INTCON
PIE1
PCON
PR2
SSPSTAT
00h
01h
02h
03h
04h
05h
06h
07h
08h
09h
0Ah
0Bh
0Ch
0Dh
0Eh
0Fh
10h
11h
12h
13h
14h
15h
16h
17h
18h
19h
1Ah
1Bh
1Ch
1Dh
1Eh
1Fh
80h
81h
82h
83h
84h
85h
86h
87h
88h
89h
8Ah
8Bh
8Ch
8Dh
8Eh
8Fh
90h
91h
92h
93h
94h
95h
96h
97h
98h
99h
9Ah
9Bh
9Ch
9Dh
9Eh
9Fh
20h
A0h
7Fh
FFh
Bank 0
Bank 1
File
Address
Indirect addr.(*)
Indirect addr.(*)
PCL
STATUS
FSR
PCLATH
INTCON
PCL
STATUS
FSR
PCLATH
INTCON
100h
101h
102h
103h
104h
105h
106h
107h
108h
109h
10Ah
10Bh
180h
181h
182h
183h
184h
185h
186h
187h
188h
189h
18Ah
18Bh
17Fh
1FFh
Bank 2
Bank 3
Indirect addr.(*)
TMR0
OPTION_REG
ADRESH
ADCON0
ADCON1
General
Purpose
Register
Accesses
20h-7Fh
TRISB
PORTB
96 Bytes
10Ch
10Dh
10Eh
10Fh
110h
18Ch
18Dh
18Eh
18Fh
190h
EEDATA
EEADR
EECON1
EEDATH
EEADRH
Unimplemented data memory locations, read as ‘0’.
* Not a physical register.
Note 1: These registers are reserved; maintain these registers clear.
File
Address
File
Address
File
Address
SSPADD
120h
11Fh
1A0h
19Fh
General
Purpose
Register
32 Bytes
BFh
C0h
Accesses
40h-7Fh
Accesses
20h-7Fh
PIR2
PIE2
OSCCON
OSCTUNE
ADRESL
EECON2
Reserved(1)
Reserved(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com