Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP28301QVF Datasheet(PDF) 2 Page - Lowpower Semiconductor inc

Part # LP28301QVF
Description  2A Synchronous Buck Li-ion Charger
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP28301QVF Datasheet(HTML) 2 Page - Lowpower Semiconductor inc

  LP28301QVF Datasheet HTML 1Page - Lowpower Semiconductor inc LP28301QVF Datasheet HTML 2Page - Lowpower Semiconductor inc LP28301QVF Datasheet HTML 3Page - Lowpower Semiconductor inc LP28301QVF Datasheet HTML 4Page - Lowpower Semiconductor inc LP28301QVF Datasheet HTML 5Page - Lowpower Semiconductor inc LP28301QVF Datasheet HTML 6Page - Lowpower Semiconductor inc LP28301QVF Datasheet HTML 7Page - Lowpower Semiconductor inc LP28301QVF Datasheet HTML 8Page - Lowpower Semiconductor inc LP28301QVF Datasheet HTML 9Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
LP28301-02
Mar.-2017
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 2 of 9
Preliminary Datasheet
LP28301
Pin Description
Pin
Name
Description
1
VDDP
Internal LDO output. Connect a decoupling 4.7µF capacitor to GNDP.
2
BST
Positive supply for the high side driver. A 1µF capacitor should be placed between BST and LX.
3
LX
Switching Node Connection.
4
HDR
High side drive gate.
5
GNDP
Ground for Power section.
6
LDR
Low side drive gate.
7
STAT
Indicates charge status. Active low when charging is on. STAT will blink with timeout, NTC fault.
8
NTC
Connect a 10K NTC resistor to GNDA, 100μA(constant current source) current output from NTC
pin.
9
COMP
Compensation pin, a 2.2nF ceramic capacitor is needed from COMP to GNDA.
10
REG
Input voltage feedback for the input voltage regulation loop. Connect to tap of an external resistor
divider from VIN to GNDA to program the input voltage regulation. Once the voltage at REG pin
drops to the inner threshold, the charge current is reduced to maintain the input voltage at the
regulation value.
12
ISET
Charging current setting pin, a resistor RISET is needed from ISET to GNDA. CC current is
programmed by IBAT=1000×1.5V/RISET. The internal reference for ISET comparator is 1.5V when
VBAT>VTRIKL. Recommend: 6.8K>RISET≥0. 3K.
11,13,16,29
GNDA
Ground for the analog circuits.
14
FULL
Battery full indication pin, active low.
15
VB
Programmable battery-full voltage. Connect to GND for 4.35V, leave floating to 4.2V, and connect
to VDDA for 4.3V.
17
CE
Charge enable pin. Active high.
19
IREF
Current reference generator. A 100k resistor connect to GNDA, internal voltage reference is 1V.
18,20
VDDA
Power supply for the internal analog circuit.
21,22
VBAT
Battery charger output and battery voltage sense pin. Connect to battery cell.
23,24
VSNS
Connect the internal sense resistor to protect the battery.
25,2627,28
VIN
USB or adapter input.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com