Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F818T-E/P Datasheet(PDF) 39 Page - Microchip Technology

Part # PIC16F818T-E/P
Description  18/20-Pin Enhanced Flash Microcontrollers with nanoWatt Technology
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F818T-E/P Datasheet(HTML) 39 Page - Microchip Technology

Back Button PIC16F818T-E/P Datasheet HTML 35Page - Microchip Technology PIC16F818T-E/P Datasheet HTML 36Page - Microchip Technology PIC16F818T-E/P Datasheet HTML 37Page - Microchip Technology PIC16F818T-E/P Datasheet HTML 38Page - Microchip Technology PIC16F818T-E/P Datasheet HTML 39Page - Microchip Technology PIC16F818T-E/P Datasheet HTML 40Page - Microchip Technology PIC16F818T-E/P Datasheet HTML 41Page - Microchip Technology PIC16F818T-E/P Datasheet HTML 42Page - Microchip Technology PIC16F818T-E/P Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 176 page
background image
 2004 Microchip Technology Inc.
DS39598E-page 37
PIC16F818/819
4.5.3
OSCILLATOR CONTROL REGISTER
The OSCCON register (Register 4-2) controls several
aspects of the system clock’s operation.
The Internal Oscillator Select bits, IRCF2:IRCF0, select
the frequency output of the internal oscillator block that
is used to drive the system clock. The choices are the
INTRC source (31.25 kHz), the INTOSC source
(8 MHz) or one of the six frequencies derived from the
INTOSC postscaler (125 kHz to 4 MHz). Changing the
configuration of these bits has an immediate change on
the multiplexor’s frequency output.
4.5.4
MODIFYING THE IRCF BITS
The IRCF bits can be modified at any time regardless of
which clock source is currently being used as the
system clock. The internal oscillator allows users to
change the frequency during run time. This is achieved
by modifying the IRCF bits in the OSCCON register.
The sequence of events that occur after the IRCF bits
are modified is dependent upon the initial value of the
IRCF bits before they are modified. If the INTRC
(31.25 kHz, IRCF<2:0> = 000) is running and the IRCF
bits are modified to any other value than ‘000’, a 4 ms
(approx.) clock switch delay is turned on. Code execu-
tion continues at a higher than expected frequency
while the new frequency stabilizes. Time sensitive code
should wait for the IOFS bit in the OSCCON register to
become set before continuing. This bit can be
monitored to ensure that the frequency is stable before
using the system clock in time critical applications.
If the IRCF bits are modified while the internal oscillator
is running at any other frequency than INTRC
(31.25 kHz, IRCF<2:0>
≠ 000), there is no need for a
4 ms (approx.) clock switch delay. The new INTOSC
frequency will be stable immediately after the eight
falling edges. The IOFS bit will remain set after clock
switching occurs.
4.5.5
CLOCK TRANSITION SEQUENCE
WHEN THE IRCF BITS ARE
MODIFIED
Following are three different sequences for switching
the internal RC oscillator frequency.
• Clock before switch: 31.25 kHz (IRCF<2:0> = 000)
1. IRCF bits are modified to an INTOSC/INTOSC
postscaler frequency.
2. The clock switching circuitry waits for a falling
edge of the current clock, at which point CLKO
is held low.
3. The clock switching circuitry then waits for eight
falling edges of requested clock, after which it
switches CLKO to this new clock source.
4. The IOFS bit is clear to indicate that the clock is
unstable and a 4 ms (approx.) delay is started.
Time dependent code should wait for IOFS to
become set.
5. Switchover is complete.
• Clock before switch: One of INTOSC/INTOSC
postscaler (IRCF<2:0>
≠ 000)
1. IRCF
bits
are
modified
to
INTRC
(IRCF<2:0> = 000).
2. The clock switching circuitry waits for a falling
edge of the current clock, at which point CLKO
is held low.
3. The clock switching circuitry then waits for eight
falling edges of requested clock, after which it
switches CLKO to this new clock source.
4. Oscillator switchover is complete.
• Clock before switch: One of INTOSC/INTOSC
postscaler (IRCF<2:0>
≠ 000)
1. IRCF bits are modified to a different INTOSC/
INTOSC postscaler frequency.
2. The clock switching circuitry waits for a falling
edge of the current clock, at which point CLKO
is held low.
3. The clock switching circuitry then waits for eight
falling edges of requested clock, after which it
switches CLKO to this new clock source.
4. The IOFS bit is set.
5. Oscillator switchover is complete.
Note:
Caution must be taken when modifying the
IRCF bits using BCF or BSF instructions. It
is possible to modify the IRCF bits to a
frequency that may be out of the VDD spec-
ification range; for example, VDD = 2.0V
and IRCF = 111 (8 MHz).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com