Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T901N Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # T901N
Description  Full blocking 50/60Hz over a wide range temperature range
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

T901N Datasheet(HTML) 3 Page - Infineon Technologies AG

  T901N Datasheet HTML 1Page - Infineon Technologies AG T901N Datasheet HTML 2Page - Infineon Technologies AG T901N Datasheet HTML 3Page - Infineon Technologies AG T901N Datasheet HTML 4Page - Infineon Technologies AG T901N Datasheet HTML 5Page - Infineon Technologies AG T901N Datasheet HTML 6Page - Infineon Technologies AG T901N Datasheet HTML 7Page - Infineon Technologies AG T901N Datasheet HTML 8Page - Infineon Technologies AG T901N Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Netz-Thyristor
Phase Control Thyristor
Technische Information /
technical information
T901N
Date of Publication: 2011-05-02
Revision: 7.0
Seite/page: 3/11
Thermische Eigenschaften
Mechanische Eigenschaften
Elektrische Eigenschaften / electrical properties
Charakteristische Werte / characteristic values
Freiwerdezeit
circuit commutated turn-off time
Tvj = Tvj max, iTM = ITAVM
vRM = 100 V, vDM = 0,67 VDRM
dvD/dt = 20 V/µs, -diT/dt = 10 A/µs
4.Kennbuchstabe / 4
th letter O
tq
typ.
300
µs
Sperrverzögerungsladung
recovered charge
Tvj = Tvj max
iTM = ITAVM, -diT/dt = 10 A/µs
VR = 0,5VRRM, VRM = 0,8VRRM
Qr
max.
7,5
mAs
Rückstromspitze
peak reverse recovery current
Tvj = Tvj max
iTM = ITAVM, -diT/dt = 10 A/µs
VR = 0,5VRRM, VRM = 0,8VRRM
IRM
max.
220
A
Thermische Eigenschaften / thermal properties
Innerer Wärmewiderstand
thermal resistance, junction to case
Kühlfläche / cooling surface
beidseitig / two-sided,
θ = 180°sin
beidseitig / two-sided, DC
Anode / anode, DC
Kathode / cathode, DC
RthJC
max.
max.
max.
max.
18,5
17,0
30,5
38,5
K/kW
K/kW
K/kW
K/kW
Übergangs-Wärmewiderstand
thermal resistance, case to heatsink
Kühlfläche / cooling surface
beidseitig / two-sided
einseitig / single-sided
RthCH
max.
max.
4,0
8,0
K/kW
K/kW
Höchstzulässige Sperrschichttemperatur
maximum junction temperature
Tvj max
125 °C
Betriebstemperatur
operating temperature
Tc op
-40...+125 °C
Lagertemperatur
storage temperature
Tstg
-40...+150 °C
Mechanische Eigenschaften / mechanical properties
Gehäuse, siehe Anlage
case, see annex
Seite 4
page 4
Si-Element mit Druckkontakt
Si-pellet with pressure contact
Anpresskraft
clamping force
F
15...24
kN
Steueranschlüsse
control terminals
DIN 46244
Gate
Kathode /Cathode
A 2,8x0,8
A 4,8x0,8
Gewicht
weight
G
typ.
550 g
Kriechstrecke
creepage distance
25 mm
Schwingfestigkeit
vibration resistance
f = 50 Hz
50 m/s²



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com