Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LCU-40C Datasheet(PDF) 3 Page - PAIRUI GROUP INC.

Part # LCU-40C
Description  Constant Current LED Power Supplies
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAIRUI [PAIRUI GROUP INC.]
Direct Link  http://www.pairuigroup.com/Ch
Logo PAIRUI - PAIRUI GROUP INC.

LCU-40C Datasheet(HTML) 3 Page - PAIRUI GROUP INC.

  LCU-40C Datasheet HTML 1Page - PAIRUI GROUP INC. LCU-40C Datasheet HTML 2Page - PAIRUI GROUP INC. LCU-40C Datasheet HTML 3Page - PAIRUI GROUP INC. LCU-40C Datasheet HTML 4Page - PAIRUI GROUP INC. LCU-40C Datasheet HTML 5Page - PAIRUI GROUP INC. LCU-40C Datasheet HTML 6Page - PAIRUI GROUP INC. LCU-40C Datasheet HTML 7Page - PAIRUI GROUP INC. LCU-40C Datasheet HTML 8Page - PAIRUI GROUP INC. LCU-40C Datasheet HTML 9Page - PAIRUI GROUP INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Electrical
PRODUCT SPECIFICATION
led power supplies
NOTE:
1. Other output models are may available on request;
2. Add suffix “D” for 0-10V dimming;
3. Above models are default to 3 year warranty, add suffix “L” for 5 year warranty.
Part Number
Nominal
Input Voltage
Output Current
Output Voltage
No Load
Output Voltage
Ripple
Efficiency
Certificate
LCU40
-C350
100
-277VAC
350mA
(69-114V)
128V
40%
90%
CE, UL
LCU40
-C450
100
-277VAC
450mA
(53-89V)
105V
40%
90%
CE, UL
LCU40
-C700
100-277VAC
700mA(34-57V)
67V
40%
88%
CE, UL
LCU40
-C1050
100-277VAC
1050mA(23-38V)
49V
40%
87%
CE, UL
LCU40
-C1280
100
-277VAC
1280mA
(19-31V)
40V
40%
87%
CE, UL
LCU40
-C1400
100
-277VAC
1400mA(17-29V)
37V
40%
86%
CE, UL
LCU40
-C1660
100
-277VAC
1660mA(14-24V)
31V
40%
86%
CE, UL
Updated 2016-V1.0-0719
www.pairuigroup.com
Page:2/9
PAIRUI ELECTRONICS



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com