Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLR2016 Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # SLR2016
Description  Alphanumeric Intelligent Display DEVICES WITH MEMORY/DECODER/ DRIVER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SLR2016 Datasheet(HTML) 3 Page - Infineon Technologies AG

  SLR2016 Datasheet HTML 1Page - Infineon Technologies AG SLR2016 Datasheet HTML 2Page - Infineon Technologies AG SLR2016 Datasheet HTML 3Page - Infineon Technologies AG SLR2016 Datasheet HTML 4Page - Infineon Technologies AG SLR2016 Datasheet HTML 5Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
 2000 Infineon Technologies Corp. • Optoelectronics Division • San Jose, CA
SLR/SLO/SLG/SLY2016
www.infineon.com/opto • 1-888-Infineon (1-888-463-4636)
OSRAM Opto Semiconductors GmbH & Co. OHG • Regensburg, Germany
www.osram-os.com • +49-941-202-7178
3
March 23, 2000-01
AC Characteristics (guaranteed minimum timing
parameters at VCC=5.0 V ±0.5 V)
Note:
1) TACC=Set Up Time + Write Time + Hold Time
Loading Data
The desired data code (D0–D6) and digit address (A0, A1) must
be held stable during the write cycle for storing new data.
Data entry may be asynchronous. Digit 0 is defined as right
hand digit with A1=A2=0.`
Clearing the entire internal four-digit memory can be accom-
plished by holding the clear (CLR) low for 1.0 msec minimum.
The clear function will clear the ASCII RAM. Loading an illegal
data code will display a blank.
Typical Loading State Table
Display Blanking
Blank the display by loading a blank or space into each digit of
the display or by using the (BL) display blank input. Setting the
(BL) input low does not affect the contents of data memory.
A flashing circuit can easily be constructed using a 555 as table
multivibrator. Figure 3 illustrates a circuit in which varying R1
(100K~10K) will have a flash rate of 1.0 Hz~10 Hz.
The display can be dimmed by pulse width modulating the (BL)
at a frequency sufficiently fast to not interfere with the internal
clock. The dimming signal frequency should be 2.5 kHz or
higher. Dimming the display also reduces power consumption.
Parameter
Symbol
–40
°C
+25
°C +85°C Unit
Address Set
Up Time
TAS
10
10
10
ns
Write Time
TW
60
70
90
ns
Data Set Up
Time
TDS
20
30
50
ns
Address Hold
Time
TAH
20
30
40
ns
Data Hold Time
TDH
20
30
40
ns
Access Time
TACC (1)
90
110
140
ns
Clear Disable
Time
TCLRD
1.0
1.0
1.0
µs
Clear Time
TCLR
1.0
1.0
1.0
ms
WR
A1 A0 D6 D5 D4 D3 D2 D1 D0 Digit
3210
H
previously loaded display
G
R
E
Y
L
LLH
LLLH
LH
G
R
E
E
L
L
HHL
HL
HL
HG
R
U
E
L
H
LH
LLH
H
LLG
L
U
E
L
HHHL
LLLH
LB
L
U
E
L
L
H
H
L
LLH
LH
B
L
E
E
L
L
L
H
L
H
L
HHHB
L
E
W
L
X
X
see character code
see char. set
An example of a simple dimming circuit using a 556 is illus-
trated in Figure 4. Adjusting potentiometer R3 will dim the dis-
play by changing the blanking pulse duty cycle.
Figure 3. Flashing Circuit Using a 555 and Flashing
(Blanking) Timing
Figure 4. Dimming Circuit Using a 556 and Dimming
(Blanking) Timing
Blanking Pulse Width
≈50% Duty Factor
500 ms
2 Hz Blanking Frequency
1
0
~
~
~
~
555
Timer
R1
4.7 K
Ω
R2
100 K
Ω
C4
0.01
µF
C3
10
µF
VCC=5.0 V
To BL
Pin on
Display
1
2
3
4
8
7
6
5
C3
1000 pF
1
2
3
4
5
6
7
14
13
12
11
10
9
8
556
Dual Timer
R2
47 K
Ω
R1
200
Ω
C1
4700 pF
C4
0.01
µF
R3
500 K
Ω
VCC=5.0 V
Dimming (Blanking)
Control
C2
0.01
µF
To BL Pin
on Display
1
0
200
µs
Blanking Pulse Width
4
µs min., 196 µs max.
5 KHz Blanking Frequency
~
~
~
~



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com