Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DCQEB50 Datasheet(PDF) 3 Page - Wall Industries,Inc.

Part # DCQEB50
Description  Up to 50 Watts Output Power
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DCQEB50 Datasheet(HTML) 3 Page - Wall Industries,Inc.

  DCQEB50 Datasheet HTML 1Page - Wall Industries,Inc. DCQEB50 Datasheet HTML 2Page - Wall Industries,Inc. DCQEB50 Datasheet HTML 3Page - Wall Industries,Inc. DCQEB50 Datasheet HTML 4Page - Wall Industries,Inc. DCQEB50 Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Rev B
DCQEB50 Series
50W, Single Outputs
Quarter-Brick Package
DC/DC Power Converters
Wall Industries, Inc. 37 Industrial Drive Exeter, NH 03833
03/09/2012
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 3 of 5
NOTES
1. BELLCORE TR-NWT-000332. Case 1: 80% Stress, Temperature at 40°C.
MIL-HDBK-217F Notice2 @Ta=25°C, Full load (Ground, Benign, controlled environment).
2. Maximum value at nominal input voltage and full load.
3. Typical value at nominal input voltage and no load.
4. Typical value at nominal input voltage and full load.
5. Maximum output deviation is +10% inclusive of trim. If remote sense is not being used the +SENSE should be connected to its corresponding
+OUTPUT and likewise the -SENSE should be connected to its corresponding –OUTPUT.
6. The remote ON/OFF control pin voltage is referenced to –INPUT. To order negative logic Remote ON/OFF control add the suffix “R” to the
model number (Ex: DCQEB50-48S05R).
7. Heatsink is optional and P/N: 7G-0029A-F, 7G-0030A-F, 7G-0031A-F, and 7G-0032A-F.
8. The DCQEB50 series meets EN55022 Class A and Class B only with external components added before the input pins to the converter.
9. An external input filter capacitor is required if the module has to meet EN61000-4-4 and EN61000-4-5. We recommend Nippon chemi-con KY series,
220µF/100V, ESR 48mΩ.
10. BASE-PLATE GROUNDING: EMI can be reduced when you connect the four screw bolts to the shield plane.
11. The converter is provided with basic insulation.
12. Safety Approvals: DCQEB50-48S1.8, 48S2.5, 48S3.3, and 48S05 have safety approvals; approvals pending for all other models.
13. This series comes with several different options: Negative remote ON/OFF control, pin lengths, thru-hole inserts, and heatsinks.
CAUTION: The power module is not internally fused. An input line fuse must always be used.
Due to advances in technology, specifications subject to change without notice.
DERATING
MODEL SELECTION TABLE
Model Number
(12)
Input Voltage
Range
Output
Voltage
Output Current
Ripple & Noise
(4)
Input Current
Output Power
Efficiency
(4)
Min. load
Full load
No Load
(3)
Full Load
(2)
DCQEB50-24S3.3
24VDC
(18 - 36 VDC)
3.3 VDC
0mA
15A
100mVp-p
65mA
2398mA
49.5W
90%
DCQEB50-24S05
5 VDC
0mA
10A
100mVp-p
95mA
2394mA
50W
91%
DCQEB50-24S12
12 VDC
0mA
4.17A
100mVp-p
60mA
2413mA
50W
91%
DCQEB50-24S15
15 VDC
0mA
3.33A
100mVp-p
95mA
2392mA
50W
91%
DCQEB50-48S1.8
48 VDC
(36 - 75 VDC)
1.8 VDC
0mA
20A
100mVp-p
65mA
904mA
36W
87%
DCQEB50-48S2.5
2.5 VDC
0mA
20A
100mVp-p
55mA
1240mA
50W
88%
DCQEB50-48S3.3
3.3 VDC
0mA
15A
100mVp-p
70mA
1199mA
49.5W
90%
DCQEB50-48S05
5 VDC
0mA
10A
100mVp-p
65mA
1197mA
50W
91%
DCQEB50-48S12
12 VDC
0mA
4.17A
100mVp-p
35mA
1207mA
50W
91%
DCQEB50-48S15
15 VDC
0mA
3.33A
100mVp-p
40mA
1196mA
50W
91%



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com