Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST10F166BQ1 Datasheet(PDF) 6 Page - STMicroelectronics

Part # ST10F166BQ1
Description  16-BIT MCU WITH 256K FLASH MEMORY
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F166BQ1 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button ST10F166BQ1 Datasheet HTML 2Page - STMicroelectronics ST10F166BQ1 Datasheet HTML 3Page - STMicroelectronics ST10F166BQ1 Datasheet HTML 4Page - STMicroelectronics ST10F166BQ1 Datasheet HTML 5Page - STMicroelectronics ST10F166BQ1 Datasheet HTML 6Page - STMicroelectronics ST10F166BQ1 Datasheet HTML 7Page - STMicroelectronics ST10F166BQ1 Datasheet HTML 8Page - STMicroelectronics ST10F166BQ1 Datasheet HTML 9Page - STMicroelectronics ST10F166BQ1 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 62 page
background image
6/62
ST10F166
NMI
29
I
Non-Maskable Interrupt Input. A high to low transition at this pin
causes the CPU to vector to the NMI trap routine. When the
PWRDN (power down) instruction is executed, the NMI pin must
be low in order to force the ST10R165 to go into power down
mode. If NMI is high, when PWRDN is executed, the part will con-
tinue to run in normal mode.
If not used, pull NMI high externally.
ALE
25
O
Address Latch Enable Output. Can be used for latching the ad-
dress into external memory or an address latch in the multiplexed
bus modes.
RD
26
O
External Memory Read Strobe. RD is activated for every external
instruction or data read access.
P1.0 –
P1.15
30 - 37
40 - 47
I/O
Port 1 is a 16-bit bidirectional I/O port. It is bit-wise programmable
for input or output via direction bits. For a pin configured as input,
the output driver is put into high-impedance state. Port 1 is used
as the 16-bit address bus (A) in demultiplexed bus modes and
also after switching from a demultiplexed bus mode to a multi-
plexed bus mode..
P5.0 –
P5.9
48 – 53
56 – 59
I
I
Port 5 is a 10-bit input-only port with Schmitt-Trigger characteris-
tics. The pins of Port 5 also serve as the (up to 10) analog input
channels for the A/D converter, where P5.x equals ANx (Analog
input channel x) for ST10F166 & ST10F166-16.
P2.0 –
P2.15
62 – 77
62
...
75
76
77
I/O
I/O
I/O
O
I/O
O
I/O
I
Port 2 is a 16-bit bidirectional I/O port. It is bit-wise programmable
for input or output via direction bits. For a pin configured as input,
the output driver is put into high-impedance state.
The following Port 2 pins also serve for alternate functions:
P2.0CC0IOCAPCOM: CC0 Cap.-In/Comp.Out
... ...
...
P2.13CC13IOCAPCOM: CC13 Cap.-In/Comp.Out,
BREQExternal Bus Request Output
P2.14CC14IOCAPCOM: CC14 Cap.-In/Comp.Out,
HLDAExternal Bus Hold Acknowl. Output
P2.15CC15IOCAPCOM: CC15 Cap.-In/Comp.Out,
HOLDExternal Bus Hold Request Input
Symbol
Pin
Number
Input (I)
Output (O)
Function
Table 1. Pin Definition and Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com