Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST52X420 Datasheet(PDF) 20 Page - STMicroelectronics

Part # ST52X420
Description  8-BIT INTELLIGENT CONTROLLER UNIT (ICU) Three Timer/PWMs, ADC, WDG
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST52X420 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button ST52X420 Datasheet HTML 16Page - STMicroelectronics ST52X420 Datasheet HTML 17Page - STMicroelectronics ST52X420 Datasheet HTML 18Page - STMicroelectronics ST52X420 Datasheet HTML 19Page - STMicroelectronics ST52X420 Datasheet HTML 20Page - STMicroelectronics ST52X420 Datasheet HTML 21Page - STMicroelectronics ST52X420 Datasheet HTML 22Page - STMicroelectronics ST52X420 Datasheet HTML 23Page - STMicroelectronics ST52X420 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 84 page
background image
ST52T410/ST52T420/E420
20/84
(*) ST52x420 only
2.3.4 Output Registers.
The Output Registers (OR) consist of 9 registers
containing data for the microcontroller peripherals
including the I/O Ports.
All registers can be specified by using a decimal
address (for example, 1 identifies the second OR).
By using LOAD instructions the Output Registers
(OR) may be set by using values stored in the
Program Memory (LDPE) or in RAM (LDPR)
The assembler instruction:
LDPR OR_i RAM_Reg.
loads the value of the RAM location identified by
the address RAM_Reg in the OR i-th Table 2.4
describes OR.
In order to simplify the concept, a mnemonic name
is assigned to OR. The same names are used in
VISUALFIVETM 5.0 development tools.
Use and meaning of each register will be described
in further details in the corresponding section.
REG_CONF 5
PWM/TIMER 0
PWM/Timer 0 Working mode
Configuration
REG_CONF 6
PWM/TIMER 0
PWM/TIMER 0 Prescaler
configuration and output waveform
selection.
REG_CONF 7
PWM/TIMER 0
PWM/TIMER 0 Working Mode
Configuration
REG_CONF 8
PWM/TIMER 1
PWM/TIMER 1 Working Mode
Configuration
REG_CONF 9
PWM/TIMER 1
PWM/TIMER 1 Prescaler
configuration and output waveform
selection.
REG_CONF 10
PWM/TIMER 2
PWM/TIMER 2 Working Mode
Configuration
REG_CONF 11
PWM/TIMER 2
PWM/Timer 2 Prescaler
configuration and output waveform
selection.
REG_CONF 12
PORT A
Set the bit 0,1 and 2 like Digital I/O
or complementary Timers Output.
REG_CONF 13
PORT B
Set the relative bit like digital input
or digital output.
REG_CONF 14
PORT B
Set the relative I/O like Digital or
Analog (*).
REG_CONF 15
PORT C
Set the relative I/O like digital input
or digital output
REG_CONF 16
PORT C
Set the relative I/O like Digital I/O
or Timers Output
Table 2.3 Configuration Registers (continued)
CONFIGURATION REGISTER
PERIPHERAL
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com