Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LDCP7P Datasheet(PDF) 7 Page - OSRAM GmbH

Part # LDCP7P
Description  SMD ceramic package with silicon resin with lens
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LDCP7P Datasheet(HTML) 7 Page - OSRAM GmbH

Back Button LDCP7P Datasheet HTML 3Page - OSRAM GmbH LDCP7P Datasheet HTML 4Page - OSRAM GmbH LDCP7P Datasheet HTML 5Page - OSRAM GmbH LDCP7P Datasheet HTML 6Page - OSRAM GmbH LDCP7P Datasheet HTML 7Page - OSRAM GmbH LDCP7P Datasheet HTML 8Page - OSRAM GmbH LDCP7P Datasheet HTML 9Page - OSRAM GmbH LDCP7P Datasheet HTML 10Page - OSRAM GmbH LDCP7P Datasheet HTML 11Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
Vorläufige Daten / Preliminary Data
LD CP7P, LT CP7P
2010-09-09
7
Durchlassstrom
2)4) Seite 20
Forward Current
2)4) page 20
I
F = f (VF); TS = 25 °C; true green
solid line: specified DC-range
Relativer Lichtstrom
2) Seite 20
Relative Luminous Flux
2) page 20
Φ
VV(350 mA) = f (IF); TS = 25 °C, true green
Durchlassstrom
2)4) Seite 20
Forward Current
2)4) page 20
I
F = f (VF); TS = 25 °C; deep blue
solid line: specified DC-range
Relative Strahlungsleistung
2) Seite 20
Relative Radiant Power
2) page 20
Φ
EE(350 mA) = f (IF); TS = 25 °C, deep blue
OHL04431
F
I
V
mA
2.0
F
V
0
200
400
600
800
1000
2.5
3.0
3.5
4.0
100
300
500
700
OHL04434
I
F
Φ (350 mA)
V
V
Φ
0
0
mA
200
400
600
1000
0.5
1.0
1.5
2.0
2.5
OHL04196
F
I
V
mA
2.5
F
V
0
100
200
300
400
500
600
700
800
1000
2.7
2.9
3.1
3.3
3.5
3.7
OHL04433
I
F
Φ (350 mA)
E
E
Φ
0
0
mA
200
400
600
1000
0.5
1.0
1.5
2.0
2.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com