Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LDG5AP Datasheet(PDF) 14 Page - OSRAM GmbH

Part # LDG5AP
Description  white P-LCC-4 package, colorless clear silicone resin, clear silicone lens
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LDG5AP Datasheet(HTML) 14 Page - OSRAM GmbH

Back Button LDG5AP Datasheet HTML 10Page - OSRAM GmbH LDG5AP Datasheet HTML 11Page - OSRAM GmbH LDG5AP Datasheet HTML 12Page - OSRAM GmbH LDG5AP Datasheet HTML 13Page - OSRAM GmbH LDG5AP Datasheet HTML 14Page - OSRAM GmbH LDG5AP Datasheet HTML 15Page - OSRAM GmbH LDG5AP Datasheet HTML 16Page - OSRAM GmbH LDG5AP Datasheet HTML 17Page - OSRAM GmbH LDG5AP Datasheet HTML 18Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
2009-10-13
14
LD G5AP, LT G5AP
Lötbedingungen
Vorbehandlung nach JEDEC Level 4
Soldering Conditions
Preconditioning acc. to JEDEC Level 4
Reflow Lötprofil für bleifreies Löten
(nach J-STD-020D)
Reflow Soldering Profile for lead free soldering
(acc. to J-STD-020D)
OHLA0687
0
0
T
t
˚C
s
120 s max
50
100
150
200
250
300
Ramp Up
100 s max
50
100
150
200
250
300
Ramp Down
6 K/s (max)
3 K/s (max)
25 ˚C
30 s max
260 ˚C
+0 ˚C
-5 ˚C
245 ˚C ±5 ˚C
240 ˚C
255 ˚C
217 ˚C
Maximum Solder Profile
Recommended Solder Profile
235 ˚C -0 ˚C
+5 ˚C
Minimum Solder Profile
10 s min



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com