Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LEATBS2W Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LEATBS2W
Description  compact lightsource in multi chip SMT technology with glass window on top
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LEATBS2W Datasheet(HTML) 1 Page - OSRAM GmbH

  LEATBS2W Datasheet HTML 1Page - OSRAM GmbH LEATBS2W Datasheet HTML 2Page - OSRAM GmbH LEATBS2W Datasheet HTML 3Page - OSRAM GmbH LEATBS2W Datasheet HTML 4Page - OSRAM GmbH LEATBS2W Datasheet HTML 5Page - OSRAM GmbH LEATBS2W Datasheet HTML 6Page - OSRAM GmbH LEATBS2W Datasheet HTML 7Page - OSRAM GmbH LEATBS2W Datasheet HTML 8Page - OSRAM GmbH LEATBS2W Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LE ATB S2W
OSTAR - SMT
Lead (Pb) Free Product - RoHS Compliant
Vorläufige Daten / Preliminary Data
2009-03-17
1
Besondere Merkmale
• Gehäusetyp: Kompakte Lichtquelle in
Multi-Chip SMT Technologie mit
Glasabdeckung
• Besonderheit des Bauteils: extrem hohe
Helligkeit und Leuchtdichte dank
Oberflächenemission und niedrigem R
th
• Wellenlänge: 617 nm (amber); 525 nm (true
green); 470 nm (blue)
• Abstrahlwinkel: Lambertscher Strahler (120°)
• Abstrahlende Fläche: typ. 2 x 2 mm²
• Technologie: Thinfilm InGaAlP; ThinGaN
• Leuchtdichte: 20*10
6 cd/m² (amber);
35*10
6 cd/m² (true green); 9*106 cd/m² (blue)
• Lötmethode: Reflow Löten
• ESD-Festigkeit: ESD-sicher bis 2 kV nach
JESD22-A114-D
• Verpackungseinheit: 500 St. pro Rolle
= Verpackungseinheit
Anwendungen
• Projektion: integrierte oder eigenständige
Projektoren für mobile Geräte (z.B. Laptop,
Digitalkameras, MP3-Player, Spielkonsolen)
• Accessory - Projektion
• Stimmungslicht
• Gebäudebeleuchtung (Effekt- und
Akzentbeleuchtung)
Features
• package: compact lightsource in multi chip
SMT technology with glass window on top
• feature of the device: outstanding brightness
and luminance due to pure surface emission
and low R
th
• wavelength: 617 nm (amber); 525 nm (true
green); 470 nm (blue)
• viewing angle: Lambertian Emitter (120°)
• Radiating surface: typ. 2 x 2 mm²
• technology: Thinfilm InGaAlP; ThinGaN
• Luminance: 20*10
6 cd/m² (amber);
35*10
6 cd/m² (true green); 9*106 cd/m² (blue)
• soldering methods: reflow soldering
• ESD-withstand voltage: up to 2 kV acc. to
JESD22-A114-D
• method of packing: 500 pcs. per reel
= packing unit
Applications
• Projection: embedded or companion projectors
for mobile devices (e.g. laptop, digital cameras,
portable media players)
• Accessory - projection
• Mood lighting
• Architectural lighting (effect- and accent
lighting)


Similar Part No. - LEATBS2W

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LEATBA2A OSRAM-LEATBA2A Datasheet
628Kb / 17P
Lead (Pb) Free Product - RoHS Compliant
LEATBN7WM OSRAM-LEATBN7WM Datasheet
845Kb / 21P
compact lightsource in SMT technology with glass window on top
More results

Similar Description - LEATBS2W

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LE-RTDUWS-2W OSRAM-LE-RTDUWS-2W Datasheet
820Kb / 24P
compact lightsource in multi chip SMT technology with glass window on top
LEUWS2W-PXQX-4P7R OSRAM-LEUWS2W-PXQX-4P7R Datasheet
904Kb / 26P
compact lightsource in multi chip SMT technology with glass window on top
LEUWQ9WP OSRAM-LEUWQ9WP Datasheet
861Kb / 22P
compact lightsource in SMT technology with glass window on top
LEUWS2W OSRAM-LEUWS2W Datasheet
904Kb / 26P
compact lightsource in multi chip SMT technology with glass window on top
LE-A-Q7WP OSRAM-LE-A-Q7WP Datasheet
863Kb / 21P
compact lightsource in SMT technology with glass window on top
LE-A-S2W OSRAM-LE-A-S2W Datasheet
525Kb / 21P
compact lightsource in multi chip SMT technology with glass window on top
LE-ATB-N7WM OSRAM-LE-ATB-N7WM Datasheet
845Kb / 21P
compact lightsource in SMT technology with glass window on top
LE-ATB-S2W OSRAM-LE-ATB-S2W Datasheet
1Mb / 20P
compact lightsource in multi chip SMT technology with glass window on top
LE-B-Q9WN OSRAM-LE-B-Q9WN Datasheet
745Kb / 22P
compact lightsource in SMT technology with glass window on top
LE-UW-S2W OSRAM-LE-UW-S2W Datasheet
904Kb / 26P
compact lightsource in multi chip SMT technology with glass window on top
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com