Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFH4640EN Datasheet(PDF) 1 Page - OSRAM GmbH

Part # SFH4640EN
Description  Also available as Sidelooker
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH4640EN Datasheet(HTML) 1 Page - OSRAM GmbH

  SFH4640EN Datasheet HTML 1Page - OSRAM GmbH SFH4640EN Datasheet HTML 2Page - OSRAM GmbH SFH4640EN Datasheet HTML 3Page - OSRAM GmbH SFH4640EN Datasheet HTML 4Page - OSRAM GmbH SFH4640EN Datasheet HTML 5Page - OSRAM GmbH SFH4640EN Datasheet HTML 6Page - OSRAM GmbH SFH4640EN Datasheet HTML 7Page - OSRAM GmbH SFH4640EN Datasheet HTML 8Page - OSRAM GmbH SFH4640EN Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
2018-02-05
1
2018-02-05
Narrow beam LED in MIDLED package (940 nm)
Version 1.7
SFH 4640
Ordering Information
Features:
•
High Power Infrared LED (55 mW)
•
Short switching times
•
Narrow halfangle (± 15°)
•
The product qualification test plan is based on the guidelines of AEC-Q101-REV-C, Stress Test Qualification
for Automotive Grade Discrete Semiconductors.
•
Taping as Toplooker
•
Also available as Sidelooker (SFH4645)
Applications
•
Infrared Illumination for cameras
•
Data transmission
•
Automotive technology
•
Remote control
Notes
Depending on the mode of operation, these devices emit highly concentrated non visible infrared light which
can be hazardous to the human eye. Products which incorporate these devices have to follow the safety
precautions given in IEC 60825-1 and IEC 62471.
Type:
Radiant Intensity
Ordering Code
I
e [mW/sr]
I
F= 100 mA, tp= 20 ms
SFH 4640
80 (≥ 40)
Q65110A9369
SFH 4640-UV
40 ... 125
Q65111A3977
Note:
Measured at a solid angle of Ω = 0.01 sr


Similar Part No. - SFH4640EN

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH4640 OSRAM-SFH4640 Datasheet
275Kb / 14P
Emitters and Detectors for Infrared (IR) Touchscreens
SFH4640 OSRAM-SFH4640 Datasheet
481Kb / 13P
Narrow beam LED in MIDLED package
SFH4640-UV OSRAM-SFH4640-UV Datasheet
481Kb / 13P
Narrow beam LED in MIDLED package
More results

Similar Description - SFH4640EN

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
QSE973 FAIRCHILD-QSE973 Datasheet
38Kb / 4P
SIDELOOKER PIN PHOTODIODE
logo
Samtec, Inc
ASP-129646-01 SAMTEC-ASP-129646-01 Datasheet
173Kb / 2P
NOT AVAILABLE AS STANDARD
ASP-130368-01 SAMTEC-ASP-130368-01 Datasheet
386Kb / 2P
NOT AVAILABLE AS STANDARD.
logo
Sharp Corporation
S101S06F SHARP-S101S06F Datasheet
244Kb / 13P
Non-zero cross type is also available. (S101S05V Series)
logo
Suntan Capacitors
1N4148W SUNTAN-1N4148W Datasheet
213Kb / 3P
These diodes are also available in other case
1N4148WS SUNTAN-1N4148WS Datasheet
165Kb / 3P
These diodes are also available in other case
logo
Aries Electronics, Inc.
505 ARIES-505 Datasheet
619Kb / 1P
Pin polarization option also available
logo
Littelfuse
SB6000 LITTELFUSE-SB6000 Datasheet
835Kb / 2P
ISB is also available with adjustable protection settings
logo
OSRAM GmbH
LPT-80-A OSRAM-LPT-80-A Datasheet
204Kb / 9P
Sidelooker, Epoxy
logo
Everlight Electronics C...
EAILP04RRKA0 EVERLIGHT-EAILP04RRKA0 Datasheet
407Kb / 7P
Sidelooker Infrared LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com