Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U6KBA80R Datasheet(PDF) 1 Page - Shindengen Electric Mfg.Co.Ltd

Part # U6KBA80R
Description  GENERAL PURPOSE RECTIFIERS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

U6KBA80R Datasheet(HTML) 1 Page - Shindengen Electric Mfg.Co.Ltd

  U6KBA80R Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd U6KBA80R Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd U6KBA80R Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd U6KBA80R Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd U6KBA80R Datasheet HTML 5Page - Shindengen Electric Mfg.Co.Ltd U6KBA80R Datasheet HTML 6Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
U6KBA80R
800V 6A
Copyright & Copy;2002 Shindengen Electric Mfg. Co., Ltd.
OUTLINE DIMENSIONS
Unit : mm
RATINGS
SHINDENGEN
General Purpose Rectifiers
SIL Bridges
Monitor
TV
Audioequipment
Printer
SMPS
Adapter for notebook PC
Power supply for desktop PC
APPLICATION
Absolute Maximum Ratings iIf not specified, Tc=25Žj
Item
Symbol
Conditions
Ratings
Unit
Storage Temperature
Tstg
-55 to 150
Ž
Operating Junction Temperature
Tj
150
Ž
Maximum Reverse Voltage
VRM
800
V
Average Rectified Forward Current
IO
50Hz sine wave, R-load, On glass-epoxy substrate Ta=25Ž
3.5
A
50Hz sine wave, R-load
Tc=98Ž
6.0
Peak Surge Forward Current
IFSM 60Hz sine wave, Non-repetitive 1cycle peak value, Tj=25Ž
200
A
Current Squared Time
I2t
1ms…tƒ10ms@Ij=25Ž, Rating of per diode
90
A2s
Dielectric Strength
Vdis Terminals to case, AC 1 minute
2.0
kV
Mounting Torque
TOR iRecommended torqueF0.5N¥mj
0.8
N¥m
Electrical Characteristics iIf not specified, Tc=25Žj
Item
Symbol
Conditions
Ratings
Unit
Forward Voltage
VF
IF=6A,
Pulse measurement, Rating of per diode
Max 1.0
V
Reverse Current
IR
VR=800V, Pulse measurement, Rating of per diode
Max 10
ÊA
Æjl
junction to lead, On glass-epoxy substrate
Max 4.0
Thermal Resistance
Æja
junction to ambient, On glass-epoxy substrate
Max 22
Ž/W
Æjc
junction to case
Max 5.0


Similar Description - U6KBA80R

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
S25VB60 SHINDENGEN-S25VB60 Datasheet
158Kb / 5P
GENERAL PURPOSE RECTIFIERS
logo
Fairchild Semiconductor
S1A FAIRCHILD-S1A Datasheet
68Kb / 3P
General Purpose Rectifiers
logo
Shindengen Electric Mfg...
LN25XB60 SHINDENGEN-LN25XB60 Datasheet
178Kb / 6P
GENERAL PURPOSE RECTIFIERS
logo
Shenzhen Taychipst Elec...
BY251 TAYCHIPST-BY251 Datasheet
623Kb / 2P
GENERAL PURPOSE RECTIFIERS
logo
SeCoS Halbleitertechnol...
QG501C SECOS-QG501C_15 Datasheet
341Kb / 2P
General Purpose Rectifiers
logo
Compact Technology Corp...
GS2A CTC-GS2A Datasheet
90Kb / 2P
GENERAL PURPOSE RECTIFIERS
logo
Fairchild Semiconductor
1N5393 FAIRCHILD-1N5393_13 Datasheet
138Kb / 5P
General-Purpose Rectifiers
logo
Comchip Technology
CGR1A7-HF COMCHIP-CGR1A7-HF Datasheet
85Kb / 3P
General Purpose Rectifiers
logo
Hi-Sincerity Mocroelect...
H1N400X HSMC-H1N400X Datasheet
23Kb / 2P
General Purpose Rectifiers
logo
Dongguan City Niuhang E...
S2M NIUHANG-S2M Datasheet
398Kb / 3P
GENERAL PURPOSE RECTIFIERS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com