Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPQ4559DN Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MPQ4559DN
Description  Industrial Grade, 1.5A, 2MHz, 55V Step-Down Converter AEC-Q100 Qualified
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ4559DN Datasheet(HTML) 1 Page - Monolithic Power Systems

  MPQ4559DN Datasheet HTML 1Page - Monolithic Power Systems MPQ4559DN Datasheet HTML 2Page - Monolithic Power Systems MPQ4559DN Datasheet HTML 3Page - Monolithic Power Systems MPQ4559DN Datasheet HTML 4Page - Monolithic Power Systems MPQ4559DN Datasheet HTML 5Page - Monolithic Power Systems MPQ4559DN Datasheet HTML 6Page - Monolithic Power Systems MPQ4559DN Datasheet HTML 7Page - Monolithic Power Systems MPQ4559DN Datasheet HTML 8Page - Monolithic Power Systems MPQ4559DN Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
MPQ4559-AEC1
Industrial Grade, 1.5A, 2MHz, 55V
Step-Down Converter
AEC-Q100 Qualified
MPQ4559 Rev. 1.01
www.MonolithicPower.com
1
5/24/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
DESCRIPTION
The MPQ4559 is a high frequency step-down
switching regulator with integrated internal high-
side high voltage power MOSFET. It provides
1.5A output with current mode control for fast loop
response and easy compensation.
The wide 3.8V to 55V input range accommodates
a variety of step-down applications, including
those in automotive input environment. A 12µA
shutdown mode supply current allows use in
battery-powered applications.
High power conversion efficiency over a wide
load range is achieved by scaling down the
switching frequency at light load condition to
reduce the switching and gate driving losses.
The frequency foldback helps prevent inductor
current runaway during startup and thermal
shutdown
provides
reliable,
fault
tolerant
operation.
By switching at 2MHz, the MPQ4559 is able to
prevent EMI (Electromagnetic Interference) noise
problems, such as those found in AM radio and
ADSL applications.
The MPQ4559 is available in small 3mm x 3mm
QFN10 and SOIC8 with exposed pad packages..
FEATURES
 Guaranteed Industrial Temp Range Limits
 Wide 3.8V to 55V Operating Input Range
 250mΩ Internal Power MOSFET
 Up to 2MHz Programmable Switching
Frequency
 140μA Quiescent Current
 Ceramic Capacitor Stable
 Internal Soft-Start
 Up to 95% Efficiency
 Output Adjustable from 0.8V to 52V
 Available in QFN (3mm x 3mm) and
SOIC8E with Exposed Pad Packages
 AEC-Q100 Qualified
APPLICATIONS
 High Voltage Power Conversion
 Automotive Systems
 Industrial Power Systems
 Distributed Power Systems
 Battery Powered Systems
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Quality Assurance.
“MPS” and “The
Future of Analog IC Technology
” are Registered Trademarks of Monolithic
Power Systems, Inc.
TYPICAL APPLICATION


Similar Part No. - MPQ4559DN

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MPQ4559DN MPS-MPQ4559DN Datasheet
1,016Kb / 19P
Industrial Grade, 1.5A, 2MHz, 55V Step-Down Converter AEC-Q100 Qualified
MPQ4559DN MPS-MPQ4559DN Datasheet
258Kb / 6P
1.5A, 55V, 2MHz Step-Down Converter Evaluation Board AEC-Q100 Qualified
More results

Similar Description - MPQ4559DN

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP4561 MPS-MP4561 Datasheet
340Kb / 17P
1.5A, 2MHz, 55V Step-Down Converter
MPQ2451 MPS-MPQ2451 Datasheet
449Kb / 16P
Industrial/Automotive-Grade 36V, 2MHz, 0.6A Step-Down Converter AEC-Q100 Qualified
MPQ4558 MPS-MPQ4558 Datasheet
527Kb / 21P
1A, 2MHz, 55V Step-Down Converter AEC-Q100 Qualified
MPQ4559 MPS-MPQ4559 Datasheet
1,016Kb / 19P
Industrial Grade, 1.5A, 2MHz, 55V Step-Down Converter AEC-Q100 Qualified
MPQ4560 MPS-MPQ4560 Datasheet
1Mb / 21P
Industrial-Grade, 2A, 2MHz, 55V Step-Down Converter Available in AEC-Q100
MPQ4561 MPS-MPQ4561 Datasheet
1Mb / 20P
1.5A, 2MHz, 55V Step-Down Converter Available in AEC-Q100
MPQ4558-AEC1 MPS-MPQ4558-AEC1 Datasheet
1Mb / 21P
1A, 2MHz, 55V Step-Down Converter AEC-Q100 Qualified
MPQ4561-AEC1 MPS-MPQ4561-AEC1 Datasheet
1,010Kb / 20P
1.5A, 2MHz, 55V Step-Down Converter Available in AEC-Q100
MPQ2451-AEC1 MPS-MPQ2451-AEC1 Datasheet
896Kb / 16P
Industrial/Automotive-Grade 36V, 2MHz, 0.6A Step-Down Converter AEC-Q100 Qualified
EVQ4559DN-00A MPS-EVQ4559DN-00A Datasheet
258Kb / 6P
1.5A, 55V, 2MHz Step-Down Converter Evaluation Board AEC-Q100 Qualified
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com