Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPQ8633B Datasheet(PDF) 16 Page - Monolithic Power Systems

Part # MPQ8633B
Description  16V, 20A, Synchronous, Step-Down Converter with Adjustable Current Limit, Programmable Frequency, and Voltage Tracking
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ8633B Datasheet(HTML) 16 Page - Monolithic Power Systems

Back Button MPQ8633B Datasheet HTML 12Page - Monolithic Power Systems MPQ8633B Datasheet HTML 13Page - Monolithic Power Systems MPQ8633B Datasheet HTML 14Page - Monolithic Power Systems MPQ8633B Datasheet HTML 15Page - Monolithic Power Systems MPQ8633B Datasheet HTML 16Page - Monolithic Power Systems MPQ8633B Datasheet HTML 17Page - Monolithic Power Systems MPQ8633B Datasheet HTML 18Page - Monolithic Power Systems MPQ8633B Datasheet HTML 19Page - Monolithic Power Systems MPQ8633B Datasheet HTML 20Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
MPQ8633B – 16V, 20A, SYNCHRONOUS, STEP-DOWN CONVERTER
MPQ8633B Rev. 1.01
www.MonolithicPower.com
16
8/3/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
Output Voltage Tracking and Reference
The MPQ8633B provides an analog input pin
(TRK/REF) to track another power supply or
accept an external reference. When an external
voltage signal is connected to TRK/REF, it acts
as a reference for the MPQ8633B output
voltage. The FB voltage follows this external
voltage signal exactly, and the soft-start
settings are ignored. The TRK/REF input signal
can be in the range of 0.3V to 1.4V. During the
initial start-up, the TRK/REF must reach at least
600mV first to ensure proper operation. After
that, it can be set to any value between 0.3V
and 1.4V.
Pre-Bias Start-Up
The MPQ8633B is designed for monotonic
start-up into pre-biased loads. If the output is
pre-biased to a certain voltage during start-up,
the IC disables switching for both the HS-FET
and LS-FET until the voltage on the TRK/REF
capacitor exceeds the sensed output voltage at
FB. Before the TRK/REF voltage reaches the
pre-biased FB level, if the BST voltage (from
BST to SW) is lower than 2.3V, the LS-FET is
turned on to allow the BST voltage to be
charged through VCC. The LS-FET is turned on
for very narrow pulses, so the drop in the pre-
biased level is negligible.
Output Voltage Discharge
When the MPQ8633B is disabled through EN,
output voltage discharge mode is enabled. This
causes both the HS-FET and the LS-FET to
latch off. A discharge FET connected between
SW and PGND is turned on to discharge the
output voltage. The typical switch on resistance
of this FET is about 80Ω. Once the FB voltage
drops below 10%*REF, the discharge FET is
turned off.
Current Sense and Over-Current Protection
(OCP)
The MPQ8633B features an on-die current
sense and a programmable positive current
limit threshold.
The current limit is active when the MPQ8633B
is enabled. During the LS-FET on state, the SW
current (inductor current) is sensed and
mirrored to CS with the ratio of GCS. By using a
resistor (RCS) from CS to AGND, the VCS
voltage is proportional to the SW current cycle-
by-cycle. The HS-FET is only allowed to turn on
when VCS is below the internal OCP voltage
threshold (VOCP) during the LS-FET on state to
limit the SW valley current cycle-by-cycle.
Calculate the current limit threshold setting from
RCS with Equation (3):
OCP
CS
IN
O
O
CS
LIM
IN
s
V
R( )
(V
V ) V
1
G(I
)
V2 L f




(3)
Where VOCP = 1.2V, GCS = 10µA/A, and ILIM is
the desired output current limit (A).
The OCP hiccup is active 3ms after the
MPQ8633B is enabled. Once OCP hiccup is
active, if the MPQ8633B detects the over-
current condition for 31 consecutive cycles, or if
FB drops below the under-voltage protection
(UVP) threshold, it enters hiccup mode. In
hiccup mode, the MPQ8633B latches off the
HS-FET immediately, and latches off the LS-
FET after ZCD is detected. Meanwhile, the
TRK/REF capacitor is also discharged. After
about 11ms, the MPQ8633B attempts to soft
start automatically. If the over-current condition
still remains after 3ms of running, the
MPQ8633B repeats this operation cycle until
the over-current condition disappears, and the
output voltage rises back to the regulation level
smoothly.
Negative Inductor Current Limit
When the LS-FET detects a -10A current, the
MPQ8633B turns off the LS-FET for 200ns to
limit the negative current.
Output Sinking Mode (OSM)
The MPQ8633B employs output sinking mode
(OSM) to regulate the output voltage to the
targeted value. When the FB voltage is higher
than 104%*REF but is below the OVP threshold,
OSM is triggered. During OSM operation, the
LS-FET remains on until it reaches the -6.4A
current limit. The LS-FET is then turned off
momentarily for 200ns before turning on again.
The MPQ8633B repeats this operation until FB
drops below 102%*REF. The MPQ8633B exits
OSM after 15 consecutive cycles of forced
CCM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com