Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBTRC113SS Datasheet(PDF) 1 Page - Diotec Semiconductor

Part # MMBTRC113SS
Description  SMD Digital NPN Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

MMBTRC113SS Datasheet(HTML) 1 Page - Diotec Semiconductor

  MMBTRC113SS Datasheet HTML 1Page - Diotec Semiconductor MMBTRC113SS Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MMBTRC110SS ... MMBTRC114SS
MMBTRC110SS ... MMBTRC114SS
SMD Digital NPN Transistors
SMD Digital-NPN-Transistoren
IO
= 100 mA
Tjmax = 150°C
VO
= 50 V
Ptot = 200 mW
Version 2018-02-14
SOT-23
(TO-236)
1 = In
2 = Gnd
3 = Out
Dimensions - Maße [mm]
Typical Applications
Digital controls
Switching, Signal processing
Commercial grade
1)
Typische Anwendungen
Digitale Steuerungen
Schalten, Signalverarbeitung
Standardausführung
1)
Features
Cost and space savings by
integrated bias resistor
Compliant to RoHS, REACH,
Conflict Minerals
1)
Besonderheiten
Platz- und Kosteneinsparung durch
integrierten Vorwiderstand
Konform zu RoHS, REACH,
Konfliktmineralien
1)
Mechanical Data
1)
Mechanische Daten
1)
Taped and reeled
3000 / 7“
Gegurtet auf Rolle
Weight approx.
0.01 g
Gewicht ca.
Case material
UL 94V-0
Gehäusematerial
Solder & assembly conditions
260°C/10s
Löt- und Einbaubedingungen
MSL = 1
Maximum ratings
2)
Grenzwerte
2)
Output voltage – Ausgangs-Spannung
VO
50 V
Output current – Ausgangs-Strom
IO
100 mA
Power dissipation – Verlustleistung
Ptot
200 mW
3)
Junction temperature – Sperrschichttemperatur
Storage temperature – Lagerungstemperatur
Tj
TS
-55...+150°C
-55…+150°C
Characteristics
Kennwerte
Resistor values – Widerstandswerte
Type
Code
R1 [kΩ]
MMBTRC110SS
tbd
4.7
MMBTRC111SS
tbd
10
MMBTRC112SS
tbd
100
MMBTRC113SS
tbd
22
MMBTRC114SS
tbd
47
Tj = 25°C
Min.
Typ.
Max.
DC current gain – Kollektor-Basis-Stromverhältnis
4)
VCE = 5 V
IC = 1 mA
hFE
120
–
–
1
Please note the detailed information on our website or at the beginning of the data book
Bitte beachten Sie die detaillierten Hinweise auf unserer Internetseite bzw. am Anfang des Datenbuches
2
TA = 25°C, unless otherwise specified – TA = 25°C, wenn nicht anders angegeben
3
Valid, if leads are kept at ambient temperature at a distance of 2 mm from case
Gültig wenn die Anschlussdrähte in 2 mm Abstand vom Gehäuse auf Umgebungstemperatur gehalten werden
4
Tested with pulses tp = 300 µs, duty cycle ≤ 2% – Gemessen mit Impulsen tp = 300 µs, Schaltverhältnis ≤ 2%
© Diotec Semiconductor AG
http://www.diotec.com/
1
Pb
RoHS
1.1
+0.1
0.4
+0.1
2.9
±0.1
1
2
3
Type
Code
1.9
±0.1
-0.05
-0.2
3
1
2
R1
Output
Input
Ground


Similar Part No. - MMBTRC113SS

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
MMBTRC113SS SEMTECH_ELEC-MMBTRC113SS Datasheet
123Kb / 1P
NPN Silicon Epitaxial Planar Transistor
More results

Similar Description - MMBTRC113SS

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
DTC144EUA MCC-DTC144EUA Datasheet
440Kb / 2P
NPN Digital Transistors
DTC114ECA MCC-DTC114ECA_11 Datasheet
221Kb / 3P
NPN Digital Transistors
DTC114YKA MCC-DTC114YKA_1 Datasheet
268Kb / 3P
NPN Digital Transistors
DTC114YUA MCC-DTC114YUA_11 Datasheet
202Kb / 2P
NPN Digital Transistors
DTC143ZE MCC-DTC143ZE Datasheet
228Kb / 3P
NPN Digital Transistors
logo
Cystech Electonics Corp...
DTC114EY3 CYSTEKEC-DTC114EY3 Datasheet
286Kb / 6P
NPN Digital Transistors
DTC124EC3 CYSTEKEC-DTC124EC3 Datasheet
280Kb / 6P
NPN Digital Transistors
DTC143ZC3 CYSTEKEC-DTC143ZC3 Datasheet
283Kb / 6P
NPN Digital Transistors
DTC144TC3 CYSTEKEC-DTC144TC3 Datasheet
279Kb / 6P
NPN Digital Transistors
logo
Diotec Semiconductor
BCR08PN DIOTEC-BCR08PN Datasheet
150Kb / 2P
SMD Digital NPN/PNP Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com