Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZP25-2 Datasheet(PDF) 2 Page - Lumberg

Part # ZP25-2
Description  Tools and harnessing machines
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMBERG [Lumberg]
Direct Link  http://www.lumberg.com
Logo LUMBERG - Lumberg

ZP25-2 Datasheet(HTML) 2 Page - Lumberg

  ZP25-2 Datasheet HTML 1Page - Lumberg ZP25-2 Datasheet HTML 2Page - Lumberg ZP25-2 Datasheet HTML 3Page - Lumberg  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
97 ZP25-2
01/2018
2
Range of application
Pole number
4P4C (RJ-10), 6P4C (RJ-14), 6P6C
(RJ-12), 8P8C (RJ-45)
Pitch
1,02 mm
State of delivery of connectors
in bulk
Processable conductor
flat cable 1.02 mm
Features
Application
laboratory and sample production,
harness repair
Stroke capacity
ca. 240/h
Dimensions and supply data
Dimensions (H x W x D)
70 mm x 200 mm x 30 mm
Weight
ca. 0,5 kg
of 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com