Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GWCSSRM1.EC Datasheet(PDF) 1 Page - OSRAM GmbH

Part # GWCSSRM1.EC
Description  SMT ceramic package with silicone resin and silicone lens
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

GWCSSRM1.EC Datasheet(HTML) 1 Page - OSRAM GmbH

  GWCSSRM1.EC Datasheet HTML 1Page - OSRAM GmbH GWCSSRM1.EC Datasheet HTML 2Page - OSRAM GmbH GWCSSRM1.EC Datasheet HTML 3Page - OSRAM GmbH GWCSSRM1.EC Datasheet HTML 4Page - OSRAM GmbH GWCSSRM1.EC Datasheet HTML 5Page - OSRAM GmbH GWCSSRM1.EC Datasheet HTML 6Page - OSRAM GmbH GWCSSRM1.EC Datasheet HTML 7Page - OSRAM GmbH GWCSSRM1.EC Datasheet HTML 8Page - OSRAM GmbH GWCSSRM1.EC Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
2018-01-02
1
2018-01-02
OSLON Square
Datasheet
Version 1.6(not for new design)
GW CSSRM1.EC
Higher performance. Lower thermal resistance.
Extended range of driving conditions. This is the
second generation OSLON Square.
Verbesserte Leistung. Verringerter Wärmewiderstand.
Erweiteter zulässiger Betriebsbereich. Das ist die
zweite Generation der OSLON Square.
Features:
Besondere Merkmale:
Package: SMT ceramic package with silicone resin
and silicone lens
Gehäusetyp: SMT-Keramikgehäuse mit
Silikonverguss und -linse
Viewing angle at 50 % I
V: 120°
Abstrahlwinkel bei 50 % I
V: 120°
Color: 2400 K - 5000 K (white)
Farbe: 2400 K - 5000 K (weiß)
CRI: min. 80 ( typ. 82 )
CRI: min. 80 ( typ. 82 )
Luminous Flux: typ. 244 lm @ 3000 K, 85 °C
Lichtstrom: typ. 244 lm @ 3000 K, 85 °C
Luminous efficacy: typ. 124 lm/W @ 3000 K,
85 °C
Lichtausbeute: typ. 124 lm/W @ 3000 K, 85 °C
Corrosion Robustness: Superior Corrosion
Robustness
Korrosionsstabilität: Höchste
Korrosionsbeständigkeit
Lumen Maintenance: Test results according to
IESNA LM-80 available
Lichtstromerhaltung: Testergebnisse nach
IESNA LM-80 verfügbar
Applications
Anwendungen
Accent and effect lighting
Akzent- und Effektbeleuchtung
Museum lighting
Museumsbeleuchtung
Shop lighting
Ladenbeleuchtung
Spot lights
Spot-Leuchten
Stage lighting
Bühnenbeleuchtung
Retrofits and fixtures
Retrofits


Similar Part No. - GWCSSRM1.EC

ManufacturerPart #DatasheetDescription
logo
ams AG
GWCSSRM1.EC AMSCO-GWCSSRM1.EC Datasheet
2Mb / 27P
Higher performance. Lower thermal resistance. Extended range of driving conditions. This is the second generation OSLON Square.
Version 1.6
GWCSSRM1.EC-MQMS-5YC8-1 AMSCO-GWCSSRM1.EC-MQMS-5YC8-1 Datasheet
2Mb / 27P
Higher performance. Lower thermal resistance. Extended range of driving conditions. This is the second generation OSLON Square.
Version 1.6
GWCSSRM1.EC-MSMU-5O8Q-1 AMSCO-GWCSSRM1.EC-MSMU-5O8Q-1 Datasheet
2Mb / 27P
Higher performance. Lower thermal resistance. Extended range of driving conditions. This is the second generation OSLON Square.
Version 1.6
GWCSSRM1.EC-MSMU-5R8T-1 AMSCO-GWCSSRM1.EC-MSMU-5R8T-1 Datasheet
2Mb / 27P
Higher performance. Lower thermal resistance. Extended range of driving conditions. This is the second generation OSLON Square.
Version 1.6
GWCSSRM1.EC-MTNP-5H7I-1 AMSCO-GWCSSRM1.EC-MTNP-5H7I-1 Datasheet
2Mb / 27P
Higher performance. Lower thermal resistance. Extended range of driving conditions. This is the second generation OSLON Square.
Version 1.6
More results

Similar Description - GWCSSRM1.EC

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
GWCS8PM1.EM OSRAM-GWCS8PM1.EM Datasheet
1Mb / 25P
SMT ceramic package with silicone resin and silicone lens
GWCSSRM1.BM OSRAM-GWCSSRM1.BM Datasheet
1Mb / 25P
SMT ceramic package with silicone resin and silicone lens
GF-CS8PM2.24 OSRAM-GF-CS8PM2.24 Datasheet
1Mb / 22P
SMT ceramic package with silicone resin and silicone lens
GF-CSHPM1.24 OSRAM-GF-CSHPM1.24 Datasheet
378Kb / 22P
SMT ceramic package with silicone resin and silicone lens
GH-CSSRM2.24 OSRAM-GH-CSSRM2.24 Datasheet
1Mb / 22P
SMT ceramic package with silicone resin and silicone lens
LA-CP7P OSRAM-LA-CP7P Datasheet
884Kb / 20P
SMT ceramic package with silicone resin and silicone lens
LA-CPDP OSRAM-LA-CPDP Datasheet
1Mb / 23P
SMT ceramic package with silicone resin and silicone lens
LD-CQDP OSRAM-LD-CQDP Datasheet
1Mb / 23P
SMT ceramic package with silicone resin and silicone lens
GW-CSSRM2.PM OSRAM-GW-CSSRM2.PM Datasheet
2Mb / 25P
SMT ceramic package with silicone resin and silicone lens
LUW-CQ7P OSRAM-LUW-CQ7P Datasheet
1Mb / 26P
SMT ceramic package with silicone resin and silicone lens
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com