Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2S2M Datasheet(PDF) 1 Page - NEC

Part # 2S2M
Description  THYRISTORS 2 A HIGH-SPEED SWITCHING SCR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2S2M Datasheet(HTML) 1 Page - NEC

  2S2M Datasheet HTML 1Page - NEC 2S2M Datasheet HTML 2Page - NEC 2S2M Datasheet HTML 3Page - NEC 2S2M Datasheet HTML 4Page - NEC 2S2M Datasheet HTML 5Page - NEC 2S2M Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1998
©
Document No. D13535EJ2V0DS00 (2nf edition)
Date Published April 2002 N CP(K)
Printed in Japan
THYRISTORS
2S2M, 2S4M
2 A HIGH-SPEED SWITCHING SCR
DATA SHEET
2002
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for
availability and additional information.
The 2S2M and 2S4M are P-gate fully diffused mold SCRs
with an average on-current of 2 A. The repeat peak off-voltages
(and reverse voltages) are 200 V and 400 V.
FEATURES
• This transistor is designed for high-speed switching and is
deal for use in commercial frequencies, high-frequency pulse
applications, and inverter applications.
• This transistor features a small and lightweight package and
is easy to handle even on the mounting surface due to its
TO-202AA dimensions. Processing of lead wires and
heatsink (tablet) using jigs is also possible.
• Employs flame-retardant epoxy resin (UL94V-0).
APPLICATIONS
Consumer electronic euipments, ignitors of devices for light
indutry, inverter, and solenoid valve drives
PACKAGE DRAWING (UNIT: mm)
ABSOLUTE MAXIMUM RATINGS (Ta = 25
°°°°C)
Parameter
Symbol
2S2M
2S4M
Ratings
Unit
Non-repetitive peak reverse voltage
VRSM
300
500
V
RGK = 1 k
Ω
Non-repetitive peak off-state voltage
VDSM
300
500
V
RGK = 1 k
Ω
Repetitive peak reverse voltage
VRRM
200
400
V
RGK = 1 k
Ω
Repetitive peak off-voltage
VDRM
200
400
V
RGK = 1 k
Ω
Average on-state current
IT(AV)
2 (Tc = 77
°C, Single half-wave,
θ = 180°)A
Refer to Figure 6 snd 7.
Surge on-state current
ITSM
20 (f = 50 Hz, Sine half-wave, 1 cycle)
A
Refer to Figure 2.
High-frequency peak on-state current
ITRM
15 (Tc = 65
°C, f = 10 kp.p.s, tp = 10
µs)
A
−
Fusing current
∫ it2dt
1.6 (1 ms
≤t≤10 ms)
A
2s
−
Critical rate of rise of on-state current
dIT/dt
50
A/
µs
−
Peak gate power dissipation
PGM
0.5 (f
≥50 Hz, Duty≤10%)
W
−
Average gate power dissipation
PG(AV)
0.1
W
Peak gate forward current
IFGM
0.2 (f
≥50 Hz, Duty≤10%)
A
−
Peak gate reverse voltage
VRGM
6V
−
Junction temperature
Tj
−40 to +125
°C
−
Storage temperature
Tstg
−55 tp +150
°C
−
Electrode connection
<1>Cathode
<2>Anode
<3>Gate
Standard weight: 1.4
*TC test bench-mark


Similar Part No. - 2S2M

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
2S2M KERSEMI-2S2M Datasheet
1Mb / 4P
Employs flame-retardant epoxy resin
More results

Similar Description - 2S2M

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE5351 NTE-NTE5351 Datasheet
21Kb / 2P
Silicon Controlled Rectifier (SCR) for High Speed Switching
NTE5374 NTE-NTE5374 Datasheet
21Kb / 2P
Silicon Controlled Rectifier (SCR) for High Speed Switching
logo
STMicroelectronics
F0810MH STMICROELECTRONICS-F0810MH Datasheet
296Kb / 5P
FAST SWITCHING SCR
logo
Powerex Power Semicondu...
T72H0135 POWEREX-T72H0135 Datasheet
3Mb / 4P
Fast Switching SCR
logo
Inchange Semiconductor ...
T627062064DN ISC-T627062064DN Datasheet
224Kb / 2P
Fast Switching SCR
logo
Littelfuse
SV6016DX LITTELFUSE-SV6016DX Datasheet
747Kb / 6P
Thyristors 16 Amp High Junction Temperature SCR in DPAK pacakge
Revised: 04/17/20
logo
STMicroelectronics
TN1610H-6I STMICROELECTRONICS-TN1610H-6I Datasheet
224Kb / 10P
16 A 600 V high temperature SCR thyristors in insulated TO-220
16-Dec-2019
TN2010H-6I STMICROELECTRONICS-TN2010H-6I Datasheet
230Kb / 10P
20 A 600 V high temperature SCR thyristors in insulated TO-220
16-Dec-2019
TN2015H-6I STMICROELECTRONICS-TN2015H-6I Datasheet
230Kb / 10P
20 A 600 V high temperature SCR thyristors in insulated TO-220
logo
Renesas Technology Corp
3P4MH RENESAS-3P4MH Datasheet
373Kb / 8P
THYRISTORS 3 A MOLD SCR
2002
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com