Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GWP7LM32.EM Datasheet(PDF) 13 Page - OSRAM GmbH

Part # GWP7LM32.EM
Description  white SMT package, colored diffused silicone resin
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

GWP7LM32.EM Datasheet(HTML) 13 Page - OSRAM GmbH

Back Button GWP7LM32.EM Datasheet HTML 9Page - OSRAM GmbH GWP7LM32.EM Datasheet HTML 10Page - OSRAM GmbH GWP7LM32.EM Datasheet HTML 11Page - OSRAM GmbH GWP7LM32.EM Datasheet HTML 12Page - OSRAM GmbH GWP7LM32.EM Datasheet HTML 13Page - OSRAM GmbH GWP7LM32.EM Datasheet HTML 14Page - OSRAM GmbH GWP7LM32.EM Datasheet HTML 15Page - OSRAM GmbH GWP7LM32.EM Datasheet HTML 16Page - OSRAM GmbH GWP7LM32.EM Datasheet HTML 17Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
Version 1.2
GW P7LM32.EM
Max. Permissible Forward Current
Max. zulässiger Durchlassstrom
IF = f (T)
GW P7LM32.EM
0
20
40
60
80
100
120
Ts [°C]
50
100
150
200
250
300
350
400
450
IF [mA]
Do not use below 20 mA
2018-01-17
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com