Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GWSBLMA3.EM Datasheet(PDF) 1 Page - OSRAM GmbH

Part # GWSBLMA3.EM
Description  white SMT package, colored diffused silicone resin
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

GWSBLMA3.EM Datasheet(HTML) 1 Page - OSRAM GmbH

  GWSBLMA3.EM Datasheet HTML 1Page - OSRAM GmbH GWSBLMA3.EM Datasheet HTML 2Page - OSRAM GmbH GWSBLMA3.EM Datasheet HTML 3Page - OSRAM GmbH GWSBLMA3.EM Datasheet HTML 4Page - OSRAM GmbH GWSBLMA3.EM Datasheet HTML 5Page - OSRAM GmbH GWSBLMA3.EM Datasheet HTML 6Page - OSRAM GmbH GWSBLMA3.EM Datasheet HTML 7Page - OSRAM GmbH GWSBLMA3.EM Datasheet HTML 8Page - OSRAM GmbH GWSBLMA3.EM Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
2016-11-17
1
2016-11-17
GW SBLMA3.EM
The DURIS® S 2 combines high efficacy and a wide
beam angle into a compact format (2.0 mm x 1.6 mm),
it offers a wide range of driving current with high color
quality and long lifetimes performance, which is a ideal
choice for all indoor General Lighting Application.
Die Duris® S2 verbindet hohe Lichtausbeute und
einen breiten Abstrahlwinkel mit einem kompakten
Maß (2.0mm x 1.6mm), sie bietet eine große Breite an
Betriebsströmen mit hoher Farbqualität und langer
Lebensdauer, sie ist eine optimale Wahl für alle
Indoor-Allgemeinbeleuchtungsanwendungen
Features:
Besondere Merkmale:
Package: white SMT package, colored diffused
silicone resin
Gehäusetyp: weißes SMT Gehäuse, farbiger
diffuser Silikon-Verguss
Viewing angle at 50 % I
V: 150°
Abstrahlwinkel bei 50 % I
V: 150°
Color: 3000 K - 6500 K (white)
Farbe: 3000 K - 6500 K (weiß)
CRI: min. 80 ( typ. 85 )
CRI: min. 80 ( typ. 85 )
Luminous Flux: typ. 33 lm @ 4000 K
Lichtstrom: typ. 33 lm @ 4000 K
Luminous efficacy: typ. 175 lm/W @ 4000 K
Lichtausbeute: typ. 175 lm/W @ 4000 K
Lumen Maintenance: Test results according to
IESNA LM-80 available
Lichtstromerhaltung: Testergebnisse nach
IESNA LM-80 verfügbar
Applications
Anwendungen
Linear lights
Linearbeleuchtung
Indoor General Lighting
Innen-Allgemeinbeleuchtung
Retrofits and fixtures
Retrofits
Strip lighting
LED Lichtstreifen
Task lights
Schreibtischleuchten
DURIS® S 2
Datasheet
Version 1.0


Similar Part No. - GWSBLMA3.EM

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
GWSBLMA1.EM OSRAM-GWSBLMA1.EM Datasheet
2Mb / 25P
white SMT package, colored diffused silicone resin
GWSBLMA2.EM OSRAM-GWSBLMA2.EM Datasheet
1Mb / 25P
Linear lights
GWSBLMA2.EM-GTHP-A838-1 OSRAM-GWSBLMA2.EM-GTHP-A838-1 Datasheet
1Mb / 25P
Linear lights
GWSBLMA2.EM-GTHP-XX38-1 OSRAM-GWSBLMA2.EM-GTHP-XX38-1 Datasheet
1Mb / 25P
Linear lights
GWSBLMA2.EM-GTHP-XX58-1 OSRAM-GWSBLMA2.EM-GTHP-XX58-1 Datasheet
1Mb / 25P
Linear lights
More results

Similar Description - GWSBLMA3.EM

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LCYW5SM-HZJZ-5E-1 OSRAM-LCYW5SM-HZJZ-5E-1 Datasheet
622Kb / 22P
white SMT package, colored diffused silicone resin
CUW-Y3SH.B1 OSRAM-CUW-Y3SH.B1 Datasheet
591Kb / 23P
white SMT package, colored diffused silicone resin
GW-JDSMS1.EC OSRAM-GW-JDSMS1.EC Datasheet
1Mb / 25P
white SMT package, colored diffused silicone resin
GW-JDSMS1.PC OSRAM-GW-JDSMS1.PC Datasheet
1Mb / 23P
white SMT package, colored diffused silicone resin
GW-JDSTS2.EM OSRAM-GW-JDSTS2.EM Datasheet
3Mb / 26P
white SMT package, colored diffused silicone resin
GW-P7LM32.CM OSRAM-GW-P7LM32.CM Datasheet
2Mb / 24P
white SMT package, colored diffused silicone resin
GW-P9LR32.EM OSRAM-GW-P9LR32.EM Datasheet
2Mb / 24P
white SMT package, colored diffused silicone resin
GW-P9LT32.EM OSRAM-GW-P9LT32.EM Datasheet
1Mb / 24P
white SMT package, colored diffused silicone resin
GW-PSLM31.EM OSRAM-GW-PSLM31.EM Datasheet
1Mb / 25P
white SMT package, colored diffused silicone resin
GW-PSLMS1.EC OSRAM-GW-PSLMS1.EC Datasheet
1Mb / 26P
white SMT package, colored diffused silicone resin
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com