Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFH4655EN Datasheet(PDF) 1 Page - OSRAM GmbH

Part # SFH4655EN
Description  High Power Infrared LED (60 mW)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH4655EN Datasheet(HTML) 1 Page - OSRAM GmbH

  SFH4655EN Datasheet HTML 1Page - OSRAM GmbH SFH4655EN Datasheet HTML 2Page - OSRAM GmbH SFH4655EN Datasheet HTML 3Page - OSRAM GmbH SFH4655EN Datasheet HTML 4Page - OSRAM GmbH SFH4655EN Datasheet HTML 5Page - OSRAM GmbH SFH4655EN Datasheet HTML 6Page - OSRAM GmbH SFH4655EN Datasheet HTML 7Page - OSRAM GmbH SFH4655EN Datasheet HTML 8Page - OSRAM GmbH SFH4655EN Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
2018-02-05
1
2018-02-05
Narrow beam LED in MIDLED package (850 nm)
Version 1.8
SFH 4655
Ordering Information
Features:
•
High Power Infrared LED (60 mW)
•
Short switching times
•
Narrow halfangle (± 15°)
•
The product qualification test plan is based on the guidelines of AEC-Q101-REV-C, Stress Test Qualification
for Automotive Grade Discrete Semiconductors.
•
Taping as Sidelooker
•
Also available as Toplooker (SFH4650)
Applications
•
Infrared Illumination for cameras
•
IR data transmission
•
Automotive technology
•
Remote control
Notes
Depending on the mode of operation, these devices emit highly concentrated non visible infrared light which
can be hazardous to the human eye. Products which incorporate these devices have to follow the safety
precautions given in IEC 60825-1 and IEC 62471.
Type:
Radiant Intensity
Ordering Code
I
e [mW/sr]
I
F= 100 mA, tp= 20 ms
SFH 4655
90 (≥ 40)
Q65110A1569
SFH 4655-UV
40 ... 125
Q65111A3814
Note:
Measured at a solid angle of Ω = 0.01 sr


Similar Part No. - SFH4655EN

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH4655 OSRAM-SFH4655 Datasheet
141Kb / 8P
Engwinklige LED in MIDLED-Gehause
SFH4655 OSRAM-SFH4655 Datasheet
275Kb / 14P
Emitters and Detectors for Infrared (IR) Touchscreens
SFH4655 OSRAM-SFH4655 Datasheet
465Kb / 13P
Narrow beam LED in MIDLED package
SFH4655-UV OSRAM-SFH4655-UV Datasheet
465Kb / 13P
Narrow beam LED in MIDLED package
More results

Similar Description - SFH4655EN

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
HIR38-01C EVERLIGHT-HIR38-01C Datasheet
137Kb / 7P
High Power Infrared LED
05-17-2007
logo
Marktech Corporate
MTE8760N5 MARKTECH-MTE8760N5 Datasheet
582Kb / 4P
High Power Infrared LED
MTE8560P MARKTECH-MTE8560P Datasheet
535Kb / 2P
High Power Infrared LED
logo
Roithner LaserTechnik G...
SMB1N-880 ROITHNER-SMB1N-880 Datasheet
708Kb / 4P
infrared high power led
SMB1N-970 ROITHNER-SMB1N-970 Datasheet
746Kb / 4P
infrared high power led
logo
Everlight Electronics C...
HIR30-01C-S16 EVERLIGHT-HIR30-01C-S16_15 Datasheet
183Kb / 7P
High Power Infrared LED
logo
OSRAM GmbH
SFH4650EN OSRAM-SFH4650EN Datasheet
481Kb / 13P
High Power Infrared LED (60 mW)
logo
Everlight Electronics C...
EAILP03SXAA0 EVERLIGHT-EAILP03SXAA0 Datasheet
356Kb / 6P
High Power Infrared LED
EAIST3535A3 EVERLIGHT-EAIST3535A3 Datasheet
560Kb / 8P
High Power Infrared LED
EAIST3535A5 EVERLIGHT-EAIST3535A5 Datasheet
432Kb / 8P
High Power Infrared LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com