Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAHP24-R47M Datasheet(PDF) 1 Page - Allied Components International

Part # PAHP24-R47M
Description  SMD ShieldedPower Inductor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

PAHP24-R47M Datasheet(HTML) 1 Page - Allied Components International

  PAHP24-R47M Datasheet HTML 1Page - Allied Components International PAHP24-R47M Datasheet HTML 2Page - Allied Components International PAHP24-R47M Datasheet HTML 3Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SMD ShieldedPower Inductor
PAHP24
PAHP24-R24M
PAHP24-R33M
PAHP24-R47M
PAHP24-R68M
PAHP24-1R0M
PAHP24-1R5M
PAHP24-2R2M
PAHP24-4R7M
Allied
Part
Number
Inductance (µH)
1MHz, 1.0V
±20%
I sat
(A) Typ.
RoHS
ALLIED COMPONENTS INTERNATIONAL
949-356-1780
www.alliedcomponents.com
All specifications subject to change without notice.
Features
Low Profile
Magnetically Shielded Construction
for power circuits using metallic magnetic
material
Compatible with high-density mounting
RoHS Compliant and Halogen Free
Electrical
Inductance Range: .24µH to 4.7µH
Tolerance: 20% over entire range
Test Frequency: 1MHz
Operating Temp: -40°C to +125°C
MSL: Level 1
Isat: The Current at which the Inductance will
drop by 30% typically.
Irms: The Current at which the Coil
temperature will rise by approximately 40°C
without core loss.
Resistance to Soldering Heat
Pre-heating: 150ºC, 1min
Solder: Sn96.5% Ag3% Cu0.5%
Temperature: 245±5°C
Flux for lead free: Rosin. 9.5%
Dip time: 4±1sec
Depth: completely cover the termination
Test Equipment
Inductance: HP4284A, CH11025, CH3302,
CH1320, CH1320S LCR Meter
DCR: CH16502 ,Agilent 33420A
Micro-Ohm Meter
Physical
Packaging: 2000 pieces per 7 inch reel.
05/30/2017
Dimensions:
DCR
(Ω) Typ.
DCR
(Ω) Max.
I sat
(A) Max.
I rms
(A) Typ.
I rms
(A) Max.
9.50
8.00
7.00
5.50
4.90
3.80
2.80
1.70
8.00
6.50
5.90
4.60
4.30
3.10
2.30
1.40
5.50*
6.00**
5.30*
5.60**
4.60*
5.30**
4.20*
4.40**
3.50*
3.70**
3.20*
3.40**
2.60*
2.80**
1.70*
1.80**
5.00*
5.50**
4.80*
5.10**
4.20*
4.80**
3.80*
4.00**
3.10*
3.40**
2.80*
3.00**
2.30*
2.50**
1.50*
1.60**
.022
.028
.035
.040
.053
.074
.093
.216
.018
.023
.027
.032
.044
.062
.078
.180
0.24
0.33
0.47
0.68
1.0
1.5
2.2
4.7
Test Measurement PCB Data:
A
B
C
D
E
*Irms
Material : FR4
Board Dimensions : 100 x 50 x 1.6t mm
Pattern dimensions : 45 x 30 mm (Double sided board)
Pattern thickness : 50µm
**Irms
Material : FR4
Board Dimensions : 100 x 50 x 1.6t mm
Pattern dimensions : 45 x 45 mm (Double sided board)
Pattern thickness : 70µm
.098 -.004/+.008
(2.5 -0.1/+0.2)
.079 -.004/+.008
(2.0 -0.1/+0.2)
.039
(1.0) Max
.030
(0.75)Ref
.039
(1.0) Ref
Reflow times: 3 times max.
60~180s
60~150s
217
150
TIME( sec.)
200
25
480s max.
tp(245° C / 20~40s.)
PRE-HEATING
Reflow Soldering
SOLDERING
NATURAL
COOLING
TP(260℃ / 10s max.)
inch
(mm)
Reflow times: 1 time max.
within 4-5s
150
TIME( sec.)
Over 60s
350
PRE-HEATING
Iron Soldering
SOLDERING
Gradual
Cooling
NATURAL
COOLING
H
L
G
L
G
H
.114
(2.9)
.039
(1.0)
.095
(2.4)
Recommended
PCB Layout


Similar Part No. - PAHP24-R47M

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
PAHP20 ALLIED-PAHP20 Datasheet
1Mb / 3P
SMD Shielded Power Inductor
PAHP20-1R0M ALLIED-PAHP20-1R0M Datasheet
1Mb / 3P
SMD Shielded Power Inductor
PAHP20-1R5M ALLIED-PAHP20-1R5M Datasheet
1Mb / 3P
SMD Shielded Power Inductor
PAHP20-2R2M ALLIED-PAHP20-2R2M Datasheet
1Mb / 3P
SMD Shielded Power Inductor
PAHP20-4R7M ALLIED-PAHP20-4R7M Datasheet
1Mb / 3P
SMD Shielded Power Inductor
More results

Similar Description - PAHP24-R47M

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
DR331-4-102 DATATRONICS-DR331-4-102 Datasheet
85Kb / 1P
SMD INDUCTOR
DR336-103 DATATRONICS-DR336-103 Datasheet
104Kb / 1P
SMD INDUCTOR
DR353-2-102 DATATRONICS-DR353-2-102 Datasheet
86Kb / 1P
SMD INDUCTOR
DR353-5-121 DATATRONICS-DR353-5-121 Datasheet
91Kb / 2P
SMD INDUCTOR
DR354-3-103-T DATATRONICS-DR354-3-103-T Datasheet
178Kb / 2P
SMD INDUCTOR
DR365-2-332 DATATRONICS-DR365-2-332 Datasheet
93Kb / 1P
SMD INDUCTOR
DR78097 DATATRONICS-DR78097 Datasheet
129Kb / 1P
SMD INDUCTOR
logo
XFMRS Inc.
XFSMD6-333 XFMRS-XFSMD6-333 Datasheet
40Kb / 1P
SMD Inductor
XFSMDR62-100N XFMRS-XFSMDR62-100N Datasheet
38Kb / 1P
SMD Inductor
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
SMD Power Inductor SMD Power Inductor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com