Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP1471 Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP1471
Description  High-Efficiency, 3A Peak, 16V, 500kHz Synchronous, Step-Down Converter In a 6-Pin TSOT 23
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1471 Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP1471 Datasheet HTML 6Page - Monolithic Power Systems MP1471 Datasheet HTML 7Page - Monolithic Power Systems MP1471 Datasheet HTML 8Page - Monolithic Power Systems MP1471 Datasheet HTML 9Page - Monolithic Power Systems MP1471 Datasheet HTML 10Page - Monolithic Power Systems MP1471 Datasheet HTML 11Page - Monolithic Power Systems MP1471 Datasheet HTML 12Page - Monolithic Power Systems MP1471 Datasheet HTML 13Page - Monolithic Power Systems MP1471 Datasheet HTML 14Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
MP1471 – SYNCHRONOUS, STEP-DOWN CONVERTER WITH INTERNAL MOSFETS
MP1471 Rev. 1.01
www.MonolithicPower.com
10
8/27/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
OPERATION
The MP1471 is a high-frequency, synchronous,
rectified, step-down, switch-mode converter
with internal power MOSFETs. It offers a very
compact solution to achieve a 3A peak output
current over a wide input supply range, with
excellent load and line regulation.
The MP1471 operates in a fixed-frequency,
peak-current–control mode to regulate the
output voltage. An internal clock initiates the
PWM cycle to turn on the integrated high-side
power MOSFET. This MOSFET remains on
until its current reaches the value set by the
COMP voltage. When the power switch is off, it
remains off until the next clock cycle starts. If
the current in the power MOSFET does not
reach the COMP set current value within 90%
of one PWM period, the power MOSFET is
forced to turn off.
Internal Regulator
The 5V internal regulator powers most of the
internal circuits. This regulator takes VIN and
operates in the full VIN range. When VIN
exceeds 5.0V, the regulator output is in full
regulation. When VIN falls below 5.0V, the
output decreases.
Error Amplifier
The error amplifier compares the FB voltage
against the internal 0.8V reference (REF) and
outputs a current proportional to the difference
between the two. This output current charges or
discharges the internal compensation network
to form the COMP voltage, which is used to
control the power MOSFET current. The
optimized
internal
compensation
network
minimizes the external component counts and
simplifies the control-loop design.
AAM Operation
The
MP1471
has
AAM
(Advanced
Asynchronous Modulation) power-save mode
for light load. The AAM voltage is set at 0.5V
internally. Under the heavy load condition, the
VCOMP is higher than VAAM. When the clock goes
high, the high-side power MOSFET turns on
and remains on until VILsense reaches the value
set by the COMP voltage. The internal clock
resets every time when VCOMP exceed VAAM.
In light-load condition, the value of VCOMP is low.
When VCOMP is less than VAAM and VFB is less
than VREF, VCOMP ramps up until it exceeds VAAM.
During this time, the internal clock is blocked,
thus the MP1471 skips some pulses for PFM
(Pulse Frequency Modulation) mode and
achieves the light load power save.
VAAM
Clock
VOUT
R1
1.2pF
47pF 500k
20k
R2
VREF
VFB
VIL sense
VCOMP
HS_driver
+
-
QS
R
+
-
Figure 2: Simplified AAM Control Circuit
When the load current is light, the inductor peak
current is set internally to about 340mA for
VIN=12V, VOUT=3.3V, and L=6.5μH. Figure 3
shows the inductor peak current vs. inductor
value curve.
1.2
Figure 3: Inductor Peak Current vs. Inductor
Value
Enable
EN is a digital control pin that turns the
regulator on and off: Drive EN HIGH to turn on
the regulator, drive it LOW to turn it off. An
internal 1MΩ resistor from EN to GND allows
EN to float to shut down the chip.
The EN pin is clamped internally using a 6.5V
series-Zener-diode as shown in Figure 4.
Connecting the EN input pin through a pullup



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com