Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCHC128H-331M Datasheet(PDF) 1 Page - Allied Components International

Part # PCHC128H-331M
Description  Power Choke High Current
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

PCHC128H-331M Datasheet(HTML) 1 Page - Allied Components International

  PCHC128H-331M Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Power Choke High Current
15
Tolerance
%
IDC
(A)
Max
Allied
Part
Number
Inductance
(µH)
ALLIED COMPONENTS INTERNATIONAL
949-356-1780
www.alliedcomponents.com
RoHS
All specifications subject to change without notice.
04/26/2017
DCR
(Ω)
Max
Features
• Magnetically shielded construction
• Directly connected electrode on ferrite core
Electrical
Inductance Range: 2.2µH to 1000µH
Tolerance: ±20% Across entire series
Operating Temp: -40ºC to +125ºC
Test Equipment
(L): HP4284A LCR meter or equivalent
Pre-Heat: 150-180°C 90 -120 Sec.
Physical
Packaging: 500pcs per 13” Reel
• High Saturation Current
Resistance to Soldering Heat
Solder Temp: 260ºC ±5°C
DCR: Milli-ohm meter
Marking: EIA Code
Test Frequency: 100KHz, 0.25V
Immersion Time: 10 sec.
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
25.5
15.9
14.0
13.3
12.2
11.2
9.00
5.10
7.57
6.22
4.50
5.28
4.50
4.26
3.80
3.52
1.90
3.01
2.36
2.00
1.50
1.64
1.38
1.26
1.14
0.007
0.016
0.020
0.021
0.023
0.024
0.031
0.035
0.040
0.070
0.075
0.080
0.130
0.105
0.143
0.163
0.170
0.247
0.376
0.574
0.650
0.861
1.080
1.470
1.660
PCHC128H
IDC: The Current at which Inductance Drops By 30%
from Initial Value (To ±25°C)
Dimensions:
Inches
(mm)
PCHC128H-2R2M
PCHC128H-4R7M
PCHC128H-5R6M
PCHC128H-6R8M
PCHC128H-8R2M
PCHC128H-100M
PCHC128H-150M
PCHC128H-180M
PCHC128H-220M
PCHC128H-330M
PCHC128H-390M
PCHC128H-470M
PCHC128H-560M
PCHC128H-680M
PCHC128H-820M
PCHC128H-101M
PCHC128H-121M
PCHC128H-151M
PCHC128H-221M
PCHC128H-331M
PCHC128H-391M
PCHC128H-471M
PCHC128H-681M
PCHC128H-821M
PCHC128H-102M
2.2
4.7
5.6
6.8
8.2
10
15
18
22
33
39
47
56
68
82
100
120
150
220
330
390
470
680
820
1000
0.213
5.4
0.114
2.9
0.276
7.0
Recommended Pad
Layout


Similar Part No. - PCHC128H-331M

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
PCHC123H ALLIED-PCHC123H Datasheet
344Kb / 1P
Power Choke High Current
PCHC123H-100M-RC ALLIED-PCHC123H-100M-RC Datasheet
344Kb / 1P
Power Choke High Current
PCHC123H-1R0M-RC ALLIED-PCHC123H-1R0M-RC Datasheet
344Kb / 1P
Power Choke High Current
PCHC123H-1R5M-RC ALLIED-PCHC123H-1R5M-RC Datasheet
344Kb / 1P
Power Choke High Current
PCHC123H-2R2M-RC ALLIED-PCHC123H-2R2M-RC Datasheet
344Kb / 1P
Power Choke High Current
More results

Similar Description - PCHC128H-331M

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
PCHC63H-R33M-RC ALLIED-PCHC63H-R33M-RC Datasheet
374Kb / 1P
Power Choke High Current
PCHC64P-R33M-RC ALLIED-PCHC64P-R33M-RC Datasheet
363Kb / 1P
Power Choke High Current
PCHC104H-R36M-RC ALLIED-PCHC104H-R36M-RC Datasheet
355Kb / 1P
Power Choke High Current
PCHC1354S-R68M-RC ALLIED-PCHC1354S-R68M-RC Datasheet
387Kb / 1P
Power Choke High Current
PCHC63H-R33M-RC ALLIED-PCHC63H-R33M-RC_10 Datasheet
384Kb / 1P
Power Choke High Current
PCHC63H ALLIED-PCHC63H Datasheet
383Kb / 1P
Power Choke High Current
PCHC1250R7 ALLIED-PCHC1250R7 Datasheet
485Kb / 1P
Power Choke High Current
PCHC103R7 ALLIED-PCHC103R7 Datasheet
340Kb / 1P
Power Choke High Current
PCHC127H ALLIED-PCHC127H Datasheet
6Mb / 1P
Power Choke High Current
PCHC320H ALLIED-PCHC320H Datasheet
1,007Kb / 3P
Power Choke High Current
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com